Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS4334 Datasheet(PDF) 11 Page - Cirrus Logic

No. de Pieza. CS4334
Descripción  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Descarga  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo 

CS4334 Datasheet(HTML) 11 Page - Cirrus Logic

Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CS4334/5/8/9
DS248F3
11
2. TYPICAL CONNECTION DIAGRAM
DEM /SCLK
6
Audio
Data
Processor
Exte rnal C lock
MCLK
AG ND
AO UT R
CS4334
CS4335
CS4338
CS4339
SDATA
LRCK
VA
AOUT L
3
1
2
4
7
0.1 µF
+
1µF
8
Left A ud io
Outpu t
5
Right Au dio
O utput
+5V
3.3 µ F
10 k
C
56 0
+
R+ 560
C=
4
π Fs(R 560)
R L
3.3 µ F
10 k
C
56 0
+
267 k
R L
L
L
267 k
Figure 7. Recommended Connection Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn