Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS4335-KS Datasheet(PDF) 7 Page - Cirrus Logic

No. de Pieza. CS4335-KS
Descripción  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Descarga  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo 

CS4335-KS Datasheet(HTML) 7 Page - Cirrus Logic

Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
CS4334/5/8/9
DS248F3
7
POWER AND THERMAL CHARACTERISTICS
Notes: 7. Refer to Figure 3. Max Power Dissipation is measured at VA=5.5V.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation
power-down state
IA
IA
-
-
15
40
19
-
mA
µA
Power Dissipation
(Note 7)
normal operation
power-down
-
-
75
0.2
104
-
mW
mW
Package Thermal Resistance
θJA
-110
-
°C/Watt
Power Supply Rejection Ratio
(1 kHz)
PSRR
-
79
-
dB
AOUTx
AGND
10 µF
V
out
R
L
C
L
Figure 1. Output Test Load
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
Ω )
L
125
3
20
Figure 2. Maximum Loading
75
50
30
Sample Rate (kHz)
HR
M
70
65
60
55
40
50
60
70
80
90
100
Figure 3. Power vs. Sample Rate


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn