Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4341A Datasheet(PDF) 5 Page - Cirrus Logic

No. de pieza CS4341A
Descripción Electrónicos  24-Bit, 192 kHz Stereo DAC with Volume Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341A Datasheet(HTML) 5 Page - Cirrus Logic

  CS4341A_04 Datasheet HTML 1Page - Cirrus Logic CS4341A_04 Datasheet HTML 2Page - Cirrus Logic CS4341A_04 Datasheet HTML 3Page - Cirrus Logic CS4341A_04 Datasheet HTML 4Page - Cirrus Logic CS4341A_04 Datasheet HTML 5Page - Cirrus Logic CS4341A_04 Datasheet HTML 6Page - Cirrus Logic CS4341A_04 Datasheet HTML 7Page - Cirrus Logic CS4341A_04 Datasheet HTML 8Page - Cirrus Logic CS4341A_04 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS4341A
DS582F2
5
1.
PIN DESCRIPTION
15
2
14
3
13
4
16
1
11
6
10
7
9
8
12
5
RST
MUTEC
SDIN
AOUTA
SCLK
VA
LRCK
AGND
MCLK
AOUTB
SCL/CCLK
REF_GND
SDA/CDIN
VQ
AD0/CS
FILT+
Pin Name
#
Pin Description
RST
1
Reset (Input) - Powers down device when enabled.
SDIN
2
Serial Audio Data (Input) - Input for two’s complement serial audio data.
SCLK
3
Serial Clock (Input) -Serial clock for the serial audio interface.
LRCK
4
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
5
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
SCL/CCLK
6
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA/CDIN
7
Serial Control Data I/O
(Input/Output) - Input/Output for I2C data. Input for SPI data.
AD0/CS
8
Address Bit / Chip Select (Input) - Chip address bit in I2C Mode. Control signal used to select
the chip in SPI mode.
FILT+
9
Positive Voltage Reference (Output) - Positive voltage reference for the internal sampling cir-
cuits.
VQ
10
Quiescent Voltage (Output) - Filter connection for internal quiescent reference voltage.
REF_GND
11
Reference Ground (Input) - Ground reference for the internal sampling circuits.
AOUTR
AOUTL
12
15
Analog Outputs (Output) - The full scale analog output level is specified in the Analog Charac-
teristics table.
AGND
13
Analog Ground (Input) - Ground reference.
VA
14
Power (Input) - Positive power for the analog, digital, control port interface, and serial audio
interface sections.
MUTEC
16
Mute Control (Output) - Control signal for optional mute circuit.


Número de pieza similar - CS4341A_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4341A-KS CIRRUS-CS4341A-KS Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

Descripción similar - CS4341A_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com