Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-S401 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-S401
Descripción Electrónicos  2 mm x 5 mm Rectangular LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-S401 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-S401 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-S401 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Agilent 2 mm x 5 mm Rectangular
LED Lamps
Data Sheet
HLMP-S100, HLMP-S201, HLMP-S301,
HLMP-S400, HLMP-S401, HLMP-S501, HLMP-S600
Package Dimensions
Features
• Rectangular light emitting surface
• Excellent for flush mounting on
panels
• Choice of five bright colors
• Long life: solid state reliability
• Excellent uniformity of light output
Description
The HLMP-S100, -S201, -5301,
-S400, -S401, -S501, -S600 are
epoxy encapsulated lamps in
rectangular packages which are
easily stacked in arrays or used
for discrete front panel
indicators. Contrast and light
uniformity are enhanced by a
special epoxy diffusion and
tinting process.
The HLMP-S100 uses double
heterojunction (DH) absorbing
substrate (AS) aluminum
gallium arsenide (AlGaAs) LEDs
to produce outstanding light
output over a wide range of
drive currents.
2.41 (0.100)
2.03 (0.085)
2.23 (0.088)
1.98 (0.078)
8.00 (0.315)
7.37 (0.290)
25.40 (1.00) MIN.
CATHODE LEAD
BOTTOM VIEW
SIDE VIEW
1.27 (0.50)
NOMINAL
NOTES:
1. ALL DIMENSIONS ARE IN
MILLIMETERS (INCHES).
2. AN EPOXY MENISCUS MAY EXTEND
ABOUT 1 mm (0.040") DOWN THE LEADS.
3. THERE IS A MXIMUM 1
° TAPER FROM
BASE TO THE TOP OF LAMP.
2.54 (0.100)
NOMINAL
0.46 (0.018)
SQ. NOMINAL
5.46 (0.215)
4.95 (0.195)
5.18 (0.204)
4.93 (0.194)


Número de pieza similar - HLMP-S401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-S401 HP-HLMP-S401 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S401 AVAGO-HLMP-S401 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S401 BOARDCOM-HLMP-S401 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-S401-D0000 HP-HLMP-S401-D0000 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
HLMP-S401-D0002 HP-HLMP-S401-D0002 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
More results

Descripción similar - HLMP-S401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-SH05 HP-HLMA-SH05 Datasheet
60Kb / 5P
   2 mm x 5 mm Rectangular AlInGaP Lamps
logo
List of Unclassifed Man...
L-117 ETC-L-117 Datasheet
119Kb / 4P
   2 X 5 MM BI COLOR RECTANGULAR LED LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-08XX HP-HLMP-08XX Datasheet
159Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com