Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS8416-CNZ Datasheet(PDF) 6 Page - Cirrus Logic |
|
CS8416-CNZ Datasheet(HTML) 6 Page - Cirrus Logic |
6 / 60 page 6 DS578F3 CS8416 1. CHARACTERISTICS AND SPECIFICATIONS All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical performance characteristics and specifications are derived from measurements taken at nominal supply voltages and TA = 25°C. SPECIFIED OPERATING CONDITIONS (AGND, DGND = 0 V, all voltages with respect to 0 V) ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0 V; all voltages with respect to 0 V. Operation beyond these limits may result in permanent dam- age to the device. Normal operation is not guaranteed at these extremes.) Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up. Parameter Symbol Min Typ Max Units Power Supply Voltage VA VD VL 3.13 3.13 3.13 3.3 3.3 3.3 or 5.0 3.46 3.46 5.25 V V V Ambient Operating Temperature: Commercial Grade Automotive Grade TA -10 -40 - - +70 +85 °C Parameter Symbol Min Max Units Power Supply Voltage VA, VD,VL - 6.0 V Input Current, Any Pin Except Supplies (Note 1) Iin -±10 mA Input Voltage Vin -0.3 (VL) + 0.3 V Ambient Operating Temperature (power applied) TA -55 125 °C Storage Temperature Tstg -65 150 °C |
Número de pieza similar - CS8416-CNZ |
|
Descripción similar - CS8416-CNZ |