Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W0603HF-01-50RJ Datasheet(PDF) 1 Page - Welwyn Components Limited

No. de pieza W0603HF-01-50RJ
Descripción Electrónicos  High Frequency Chip Resistor Terminators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WELWYN [Welwyn Components Limited]
Página de inicio  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

W0603HF-01-50RJ Datasheet(HTML) 1 Page - Welwyn Components Limited

  W0603HF-01-50RJ Datasheet HTML 1Page - Welwyn Components Limited W0603HF-01-50RJ Datasheet HTML 2Page - Welwyn Components Limited W0603HF-01-50RJ Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Welwyn Components
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
PFC HF Series Issue June 2006
Wraparound termination with
non-leaching Nickel barrier
Ultra stable
Tantalum Nitride
resistor film
system
L
W
H
a
b
W0603
1.60 ± 0.1
0.79 ± 0.1
0.51 ± 0.1
0.30 ± 0.13
0.38 ± 0.13
W0805
2.06 ± 0.13
1.27 ± 0.13
0.51 ± 0.15
0.41 ± 0.20
0.41 ± 0.20
High Frequency Chip
Resistor Terminators
Long life TaNFilm® element
Absolute TCR to ±25ppm/°C
Available in 0603, 0805 and 1206 chip sizes
Standard Sn/Pb and Pb-free terminations available
Electrical Data
Physical Data (mm)
Maximum Continuous
Power Rating
Ohmic
Value
Available
Tolerances
Temperature
Range
Noise
Termination
Substrate
W0603HF
100mW
50.0W
K J G F
-55°C to 150°C <-25dB
Tin Plate
99.5% Alumina
W0805HF
250mW
Top
Side
Bottom
PFC HF Series
L
W
a
b
H
EPOXY OVERCOAT
ULTRA STABLE TANTALUM NITRIDE
RESISTOR FILM SYSTEM
WRAP AROUND TERMINATORS
TIN PLATED/NICKEL BARRIER


Número de pieza similar - W0603HF-01-50RJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Welwyn Components Limit...
W0603HT WELWYN-W0603HT Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
logo
TT Electronics.
W0603HT TTELEC-W0603HT Datasheet
668Kb / 2P
   Available in industry standard 0603
logo
Welwyn Components Limit...
W0603HT-01-100R-F WELWYN-W0603HT-01-100R-F Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
W0603HT-01-100R-G WELWYN-W0603HT-01-100R-G Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
W0603HT-01-100R-J WELWYN-W0603HT-01-100R-J Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
More results

Descripción similar - W0603HF-01-50RJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IRC - a TT electronics ...
PFC-W0402HF-01-50R0-K IRCTT-PFC-W0402HF-01-50R0-K Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
R1A060350R0G5AR ANAREN-R1A060350R0G5AR Datasheet
210Kb / 3P
   Anaren High Frequency Chip Resistor
R1A100550R0J5A0 ANAREN-R1A100550R0J5A0 Datasheet
202Kb / 3P
   Anaren High Frequency Chip Resistor
R2B080550R0J5J0 ANAREN-R2B080550R0J5J0 Datasheet
193Kb / 3P
   Anaren High Frequency Chip Resistor
R1B131350R0F5BT ANAREN-R1B131350R0F5BT Datasheet
196Kb / 3P
   Anaren High Frequency Chip Resistor
R2B130850R0J4J0 ANAREN-R2B130850R0J4J0 Datasheet
190Kb / 3P
   Anaren High Frequency Chip Resistor
C1A101050R0J4A0 ANAREN-C1A101050R0J4A0 Datasheet
261Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com