Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAC9759XXTAEYYX Datasheet(PDF) 10 Page - Integrated Device Technology

No. de pieza STAC9759XXTAEYYX
Descripción Electrónicos  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9759XXTAEYYX Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button STAC9759XXTAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 12Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 13Page - Integrated Device Technology STAC9759XXTAEYYX Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
10
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
2. CHARACTERISTICS/SPECIFICATIONS
2.1.
Electrical Specifications
2.1.1.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the STAC9758/9759. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
2.1.2.
Recommended Operation Conditions
Item
Pin
Maximum Rating
Analog maximum supply voltage
AVdd
6 Volts
Digital maximum supply voltage
DVdd
5.5 Volts
VREFOUT output current
5 mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260
oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 114.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 5 V
4.75
5
5.25
V
Analog - 3.3 V
3.135
3.3
3.465
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C
ESD: The STAC9758/9759 is an ESD (electrostatic discharge) sensitive device. The human body and test
equipment can accumulate and discharge electrostatic charges up to 4000 Volts without detection. Even though
the STAC9758/9759 implements internal ESD protection circuitry, proper ESD precautions should be followed to
avoid damaging the functionality or performance.


Número de pieza similar - STAC9759XXTAEYYX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
STAC9750XXTAEYYX IDT-STAC9750XXTAEYYX Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
STAC9751XXTAEYYX IDT-STAC9751XXTAEYYX Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
More results

Descripción similar - STAC9759XXTAEYYX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Realtek Semiconductor C...
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
   EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
   SIX-CHANNEL AC??7 AUDIO CODEC
logo
Analog Devices
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com