Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAC9250D5TAEYY Datasheet(PDF) 11 Page - Integrated Device Technology

No. de pieza STAC9250D5TAEYY
Descripción Electrónicos  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250D5TAEYY Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button STAC9250D5TAEYY Datasheet HTML 7Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 8Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 9Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 10Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 11Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 12Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 13Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 14Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
11
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
2. CHARACTERISTICS
2.1.
Audio Fidelity
2.2.
Electrical Specifications
2.2.1.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the STAC9250/9251. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability.
Electrical parameters are guaranteed only over the recommended operating temperature range.
2.2.2.
Recommended Operation Conditions
DAC SNR:
100dB
ADC SNR:
90dB
Item
Pin
Maximum Rating
Analog maximum supply voltage
AVdd
6 Volts
Digital maximum supply voltage
DVdd
5.5 Volts
VREFOUT output current
5 mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260 oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 134.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 3.3 V
3.135
3.3
3.465
V
(Note: The +4 V Analog voltage is supported by the
+5 V version of the STAC9250/9251.)
Analog - 4 V
3.8
4
4.2
V
Analog - 5 V
4.75
5
5.25
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C


Número de pieza similar - STAC9250D5TAEYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Descripción similar - STAC9250D5TAEYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com