Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAC9202D3TAEYY Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza STAC9202D3TAEYY
Descripción Electrónicos  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202D3TAEYY Datasheet(HTML) 1 Page - Integrated Device Technology

  STAC9202D3TAEYY Datasheet HTML 1Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 2Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 3Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 4Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 5Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 6Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 7Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 8Page - Integrated Device Technology STAC9202D3TAEYY Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
DATA SHEET
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
STAC9202
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
1
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
DESCRIPTION
The STAC9202 is a high fidelity, 2-channel audio CODEC compli-
ant with the High Definition Audio (HD Audio) specification defined
by Intel. The STAC9202 implements direct interface to two digital
microphones supporting advanced beam forming applications
resulting in increased quality of applications requiring voice input.
FEATURES
High-integration HD Audio Product
2-channel PC Audio CODEC
Dual Digital Microphone interface
Two-Channel DACs and ADCs with 24-bit sample
resolution
High performance
Σ∆ technology
Sample rates up to 192 Hz
100dB DAC SNR
Integrated Headphone Amps
Stereo Analog Microphone
Supports Stereo Microphone
Microphone Boost 0, 10, 20, 30, 40dB
Dual Digital Microphone Interface optimized for use
with Akustica Digital Microphones
S/PDIF In and Out
Universal JacksFunctionality for jack retasking
Adjustable VREF Out
Digital PC Beep to all outputs
+3.3 V, +4 V and +5 V analog power supply options
48-pin LQFP Environmental Package
DESCRIPTION
The STAC9202 is a high fidelity, 2-channel, audio CODEC
compliant with the High Definition Audio (HD Audio) specifi-
cation defined by Intel. The STAC9202 provides high qual-
ity, HD Audio capability to notebook and cost sensitive
desktop PC applications.
The STAC9202 incorporates IDT's proprietary
Σ∆ technol-
ogy to achieve a DAC SNR of 100 dB. The higher perfor-
mance and quality of IDT’s audio solutions brings
consumer electronics level performance to the notebook,
desktop and media center PC.
The STAC9202 provides stereo, 24-bit, full duplex resolu-
tion supporting sample rates up to 192 KHz by the DAC
and ADC. The STAC9202 SPDIF In/Out support sample
rates of 96 KHz, 48 KHz and 44.1 KHz plus SPDIF_OUT
supports 88.2 KHz. Additional sample rates are supported
by the driver software.
The STAC9202 supports flexible configurations including
switchable Headphone Out and Universal Jacks™ func-
tionality for jack detection and re-tasking. The SPDIF inter-
face provides connectivity to Consumer Electronic
equipment like Dolby Digital decoders, powered speakers,
mini disk drives or to a home entertainment system. All
analog I/O pairs support LINE_IN, LINE_OUT and MIC.


Número de pieza similar - STAC9202D3TAEYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Descripción similar - STAC9202D3TAEYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com