Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7209V Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LA7209V
Descripción Electrónicos  Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7209V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA7209V Datasheet HTML 1Page - Sanyo Semicon Device LA7209V Datasheet HTML 2Page - Sanyo Semicon Device LA7209V Datasheet HTML 3Page - Sanyo Semicon Device LA7209V Datasheet HTML 4Page - Sanyo Semicon Device LA7209V Datasheet HTML 5Page - Sanyo Semicon Device LA7209V Datasheet HTML 6Page - Sanyo Semicon Device LA7209V Datasheet HTML 7Page - Sanyo Semicon Device LA7209V Datasheet HTML 8Page - Sanyo Semicon Device LA7209V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LA7209V
No.A0641-5/14
Pin Functions
Pin No.
Pin Name
DC voltage
Signal wave form
Equivalent Circuit
1
GND
2
CAR_IN+
0V
SQUARE-WAVE : 13.5MHz
3
CAR_IN-
0V
SQUARE-WAVE : 13.5MHz
4
TYPE_SW
0V
DC
5
MOD_E
1V
DC
6
DATA_SW
0V
DC
Continued on next page.
300
Ω
600
μA
Pin 2
300
Ω
600
μA
Pin 3
500
Ω
50k
Ω
Pin 4
Pin 5
Pin 23
Pin 22
500
Ω
50k
Ω
Pin 6
0.1Vp-p
0.1Vp-p


Número de pieza similar - LA7209V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7205 SANYO-LA7205 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
More results

Descripción similar - LA7209V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com