Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4060ME4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza CD74HC4060ME4
Descripción Electrónicos  High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4060ME4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4060ME4 Datasheet HTML 1Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 2Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 3Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 4Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 5Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 6Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 7Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 8Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Low-Level Output
Voltage
φO Output
(Pin 10)
TTL Loads
VOL
VCC or
GND
2.6
4.5
-
-
0.26
-
0.33
-
0.4
V
High-Level Output
Voltage
φO Output
(Pin 9)
TTL Loads
VOH
VIL or VIH
-3.2
4.5
3.98
-
-
3.84
-
3.7
-
V
Low-Level Output
Voltage
φO Output
(Pin 9)
TTL Loads
VOL
VIH or VIL
(Note 3)
3.2
4.5
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
Any
Voltage
Between
VCC and
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 4)
VCC
- 2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTES:
2. Limits not valid when pin 12 (instead of pin 11) is used as control input.
3. For pin 11 VIH = 3.15V, VIL = 0.9V.
4. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
MR
0.35
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Specifica-
tions Table, e.g. 360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Maximum Input Pulse
Frequency
fmax
2
6
-
-
5
-
-
4
-
-
MHz
4.5
30
-
-
25
-
-
20
-
-
MHz
6
35
-
-
29
-
-
23
-
-
MHz
Input Pulse Width
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Reset Removal Time
tREM
2
100
-
-
125
-
-
150
-
-
ns
4.5
20
-
-
25
-
-
30
-
-
ns
617
-
-
21
-
-
26
-
-
ns
CD54/74HC4060, CD54/74HCT4060


Número de pieza similar - CD74HC4060ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4060ME4 TI-CD74HC4060ME4 Datasheet
315Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD74HC4060ME4 TI-CD74HC4060ME4 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
More results

Descripción similar - CD74HC4060ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4060 TI-CD54HC4060 Datasheet
315Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD74HC4060 TI-CD74HC4060 Datasheet
47Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4060 TI-CD54HC4060_08 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com