Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4060ME4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza CD74HC4060ME4
Descripción Electrónicos  High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4060ME4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC4060ME4 Datasheet HTML 6Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 7Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 8Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 9Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 10Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 11Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 12Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 13Page - Texas Instruments CD74HC4060ME4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
CD74HCT4060M96
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT4060M96E4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT4060M96G4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT4060ME4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT4060MG4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT4060MT
ACTIVE
SOIC
D
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT4060MTE4
ACTIVE
SOIC
D
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT4060MTG4
ACTIVE
SOIC
D
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-May-2007
Addendum-Page 2


Número de pieza similar - CD74HC4060ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4060ME4 TI-CD74HC4060ME4 Datasheet
315Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD74HC4060ME4 TI-CD74HC4060ME4 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
More results

Descripción similar - CD74HC4060ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4060 TI-CD54HC4060 Datasheet
315Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD74HC4060 TI-CD74HC4060 Datasheet
47Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4060 TI-CD54HC4060_08 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com