Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4060PWE4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza CD74HC4060PWE4
Descripción Electrónicos  High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4060PWE4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4060PWE4 Datasheet HTML 1Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 2Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 3Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 4Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 5Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 6Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 7Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 8Page - Texas Instruments CD74HC4060PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS207G
Features
• Onboard Oscillator
• Common Reset
• Negative-Edge Clocking
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC4060 and ’HCT4060 each consist of an oscillator
section and 14 ripple-carry binary counter stages. The
oscillator configuration allows design of either RC or crystal
oscillator circuits. A Master Reset input is provided which
resets the counter to the all-0’s state and disables the
oscillator. A high level on the MR line accomplishes the reset
function. All counter stages are master-slave flip-flops. The
state of the counter is advanced one step in binary order on
the negative transition of
φI (and φO). All inputs and outputs
are buffered. Schmitt trigger action on the input-pulse-line
permits unlimited rise and fall times.
In order to achieve a symmetrical waveform in the oscillator
section the HCT4060 input pulse switch points are the same
as in the HC4060; only the MR input in the HCT4060 has
TTL switching levels.
Pinout
CD54HC4060, CD54HCT4060 (CERDIP)
CD74HC4060 (PDIP, SOIC, TSSOP)
CD74HCT4060 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4060F3A
-55 to 125
16 Ld CERDIP
CD54HCT4060F3A
-55 to 125
16 Ld CERDIP
CD74HC4060E
-55 to 125
16 Ld PDIP
CD74HC4060M
-55 to 125
16 Ld SOIC
CD74HC4060MT
-55 to 125
16 Ld SOIC
CD74HC4060M96
-55 to 125
16 Ld SOIC
CD74HC4060PW
-55 to 125
16 Ld TSSOP
CD74HC4060PWR
-55 to 125
16 Ld TSSOP
CD74HC4060PWT
-55 to 125
16 Ld TSSOP
CD74HCT4060E
-55 to 125
16 Ld PDIP
CD74HCT4060M
-55 to 125
16 Ld SOIC
CD74HCT4060MT
-55 to 125
16 Ld SOIC
CD74HCT4060M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q12
Q13
Q14
Q6
Q5
Q7
GND
Q4
VCC
Q8
Q9
MR
φI
φO
φO
Q10
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4060, CD74HC4060,
CD54HCT4060, CD74HCT4060
High-Speed CMOS Logic
14-Stage Binary Counter with Oscillator
[ /Title
(CD74
HC406
0,
CD74
HCT40
60)
/Sub-
ject
(High
Speed
CMOS


Número de pieza similar - CD74HC4060PWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4060PWE4 TI-CD74HC4060PWE4 Datasheet
315Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD74HC4060PWE4 TI-CD74HC4060PWE4 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
More results

Descripción similar - CD74HC4060PWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4060 TI-CD54HC4060 Datasheet
315Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD74HC4060 TI-CD74HC4060 Datasheet
47Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4060 TI-CD54HC4060_08 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com