Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4060PWG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4060PWG4
Descripción Electrónicos  High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4060PWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC4060PWG4 Datasheet HTML 3Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 4Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 5Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 6Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 7Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 8Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 9Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 10Page - Texas Instruments CD74HC4060PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Qn to Qn+1
tPLH, tPHL
CL = 50pF
2
-
-
-
-
-
-
-
ns
4.5
-
-
16
-
20
-
24
ns
CL = 15pF
5
-
6
-
-
-
-
-
ns
CL = 50pF
6
-
-
-
-
-
-
-
ns
MR to Qn
tPHL
CL = 50pF
2
-
-
-
-
-
-
-
ns
4.5
-
-
44
-
55
-
66
ns
CL = 15pF
5
-
17
-
-
-
-
-
ns
CL = 50pF
6
-
-
-
-
-
-
-
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
-
-
-
-
-
ns
4.5
-
-
15
-
19
-
22
ns
6-
-
-
-
-
-
-
ns
Input Capacitance
CI
(TBD)
Propagation Dissipation
Capacitance (Notes 5, 6)
CPD
--
-
40
-
-
-
-
-
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per package.
6. PD = CPD VCC
2 f
i ∑(CL VCC
2 f
i/M) where M = 2
1, 22, 23, ...214, f
i = input frequency, CL = output load capacitance.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
TYPICAL LIMIT VALUES FOR RX AND CX
PARAMETER
TEST
CONDITIONS
VOLTAGE
TYPICAL
MAXIMUM
LIMITS
RX Minimum
CX > 1000pF
2
1K
CX > 10pF
4.5
CX > 10pF
6
RX Maximum
CX > 10pF
2
20M
CX > 10pF
4.5
CX > 10pF
6
CX Minimum
RX > 10KΩ
2
10pF
RX > 10KΩ
4.5
RX > 10KΩ
6
RX = 1KΩ
2
1000pF
RX = 1KΩ
4.5
10pF
RX = 1KΩ
6
10pF
Maximum
Astable Oscillator
Frequency
CX = 1000pF,
RX = 1KΩ
2
0.5MHz
(Note 7)
CX = 100pF,
RX = 1KΩ
4.5
3MHz
(Note 7)
CX = 100pF,
RX = 1KΩ
6
3MHz
(Note 7)
NOTE:
7. At very high frequencies f = 1/2.2 RXCX no longer gives an
accurate approximation.
NOTE: OSC Frequency
1/2.2 R
XCX
For 1M
Ω > RX > 1KΩ, CX > 10pF, f < 1MHz
FIGURE 2. FREQUENCY OF ON-BOARD OSCILLATOR AS A
FUNCTION OF CX AND RX
102
10
1
10-1
10-2
10-3
10-4
10-5
10-1
100
10
102
103
104
105
106
OSCILLATOR FREQUENCY (Hz)
TA = 25
oC
RX = 1KΩ
10K
100K
1M
10M
CD54/74HC4060, CD54/74HCT4060


Número de pieza similar - CD74HC4060PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4060PWG4 TI-CD74HC4060PWG4 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
More results

Descripción similar - CD74HC4060PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4060 TI-CD54HC4060 Datasheet
315Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD74HC4060 TI-CD74HC4060 Datasheet
47Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4060 TI-CD54HC4060_08 Datasheet
590Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com