Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA76832N Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LA76832N
Descripción Electrónicos  Monolithic Linear IC I2C Bus Control IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76832N Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA76832N Datasheet HTML 1Page - Sanyo Semicon Device LA76832N Datasheet HTML 2Page - Sanyo Semicon Device LA76832N Datasheet HTML 3Page - Sanyo Semicon Device LA76832N Datasheet HTML 4Page - Sanyo Semicon Device LA76832N Datasheet HTML 5Page - Sanyo Semicon Device LA76832N Datasheet HTML 6Page - Sanyo Semicon Device LA76832N Datasheet HTML 7Page - Sanyo Semicon Device LA76832N Datasheet HTML 8Page - Sanyo Semicon Device LA76832N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LA76832N
No.0069-5/39
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
APC pull-in range (+)
PULIN+_P
350
Hz
APC pull-in range (-)
PULIN-_P
-350
Hz
[Chroma block] : NTSC
ACC amplitude characteristics 1
ACCM1_N
Input : +6dB/0dB 0dB = 40IRE
0.8
1.0
1.2
times
ACC amplitude characteristics 2
ACCM2_N
Input :-20dB/0dB
0.7
1.0
1.1
times
Demodulation output ratio R-Y/B-Y : NTSC
RB_N
R-Y/B-Y_GainBalance_DAC,
R-Y/B-Y_Angle_DAC = Center
0.80
0.90
1.00
times
Demodulation output ratio G-Y/B-Y : NTSC
GB_N
R-Y/B-Y_GainBalance_DAC,
R-Y/B-Y_Angle_DAC = Center
0.24
0.30
0.38
times
Demodulation angle B-Y/R-Y : NTSC
ANGBR_N
R-Y/B-Y_GainBalance_DAC,
R-Y/B-Y_Angle_DAC = Center
99
104
109
deg
Demodulation angle G-Y/B-Y : NTSC
ANGGB_N
R-Y/B-Y_GainBalance_DAC,
R-Y/B-Y_Angle_DAC = Center
227
240
250
deg
Demodulation angle switch G-Y/B-Y : NTSC
ANGGC_N
G-Y Angle_DAC = 1
243
253
263
deg
Killer operating point
KILL_N
0dB = 40IRE
-40
-35
-28
dB
APC pull-in range (+)
PULIN+_N
350
Hz
APC pull-in range (-)
PULIN-_N
-350
Hz
Tint center
TINCEN
-10
0
+10
deg
Tint variable range (+)
TINT+
35
deg
Tint variable range (-)
TINT-
-35
deg
[Deflection block]
Horizontal free-running frequency
fH
530
680
830
Hz
Horizontal pull-in range
fH PULL
±400
Hz
Horizontal output pulse width
Hduty
36.1
37.6
39.1
µs
Horizontal output pulse saturation voltage
V Hsat
0
0.2
0.4
V
Vertical free-running cycle 50
VFR50
312.0
312.5
313.0
H
Vertical free-running cycle 60
VFR60
262.0
262.5
263.0
H
Horizontal output pulse phase
HPHCENpal
9.5
10.5
11.5
µs
Horizontal output pulse phase
HPHCENnt
9.5
10.5
11.5
µs
Horizontal position adjustment range
HPHrange
5bit
±2.2
µs
Horizontal position adjustment
maximum variability width
HPHstep
200.0
ns
Horizontal blanking left @0
BLKL0
BLKL : 000
7500
8300
9100
ns
Horizontal blanking left @7
BLKL7
BLKL : 111
10800
11600
12400
ns
Horizontal blanking right @0
BLKR0
BLKR : 000
1800
2600
3400
ns
Horizontal blanking right @7
BLKR7
BLKR : 111
-1100
-300
500
ns
Sand castle pulse crest value H
SANDH
5.3
5.6
5.9
V
Sand castle pulse crest value M1
SANDM1
3.7
4.0
4.3
V
Sand castle pulse crest value L
SANDL
0.1
0.4
0.7
V
Sand castle pulse crest value M2
SANDM2
1.7
2.0
2.3
V
Burst gate pulse width
BGPWD
3.5
4.0
4.5
µs
Burst gate pulse phase
BGPPH
4.9
5.4
5.9
µs
Horizontal output stop voltage
Hstop
3.30
3.60
3.90
V
X-ray protection circuit operating voltage
VXRAY
0.59
0.69
0.79
V
[Vertical screen size adjustment]
Vertical ramp output amplitude PAL@64
Vspal64
VSIZE : 1000000
0.75
0.85
0.95
Vp-p
Vertical ramp output amplitude NTSC@64
Vsnt64
VSIZE : 1000000
0.75
0.85
0.95
Vp-p
Vertical ramp output amplitude PAL@0
Vspal0
VSIZE : 0000000
0.40
0.50
0.60
Vp-p
Vertical ramp output amplitude PAL@127
Vspal127
VSIZE : 1111111
1.05
1.20
1.35
Vp-p
[High-voltage dependent vertical size correction]
Vertical size correction @0
Vsizecomp
VCOMP : 000
0.83
0.88
0.93
ratio
Continued on next page.


Número de pieza similar - LA76832N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM_07 Datasheet
276Kb / 50P
   Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
More results

Descripción similar - LA76832N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
LA73033M SANYO-LA73033M Datasheet
272Kb / 24P
   Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
   Monolithic Linear IC Phase Control Voltage Inverter Control IC
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
logo
Mitsumi Electronics, Co...
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com