Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH3219 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza MCH3219
Descripción Electrónicos  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3219 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH3219 Datasheet HTML 1Page - Sanyo Semicon Device MCH3219 Datasheet HTML 2Page - Sanyo Semicon Device MCH3219 Datasheet HTML 3Page - Sanyo Semicon Device MCH3219 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH3219
No.8185-3/4
A S O
f T -- IC
Cob -- VCB
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
100
2
3
5
7
5
7
1000
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
0.01
VCE=10V
2
1.0
7
5
3
2
7
5
3
2
3
2
10
0.1
0.01
23
5
7
2
3
5
7
2
1.0
0.1
0.01
23
5
7
2
3
5
7
2
1.0
23
5
7
2
3
5
3
5
77
0.1
1.0
2
10
0.1
23
5
7
23
5
7
23
5
7
1.0
10
IT09000
IT09002
IT09001
IT09003
IC / IB=50
75°C
Ta= --25°C
ICP=3A
IC=1A
500
µ
s
10ms
100ms
DC
operation
1ms
3
2
0.01
7
5
5
3
2
0.1
0.01
27
0.1
35
2
7
1.0
35
2
IC / IB=50
IT08999
Ta=75
°C
--25
°C
25°C
25°C
f=1MHz
10
µs
1000
7
5
3
2
100
7
0.1
0.01
23
5
7
2
3
5
7
2
1.0
VCE=2V
IT08997
Ta=75
°C
25
°C
--25
°C
3
2
0.01
7
5
3
2
0.1
0.01
27
0.1
35
2
7
1.0
35
2
IC / IB=20
IT08998
Ta=75
°C
--25
°C
25°
C
Ta=25
°C
Single pulse
Mounted on a ceramic board (600mm2!0.8mm)
PC -- Ta
Ambient Temperature, Ta --
°C
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
0.1
0.3
0.5
0.7
IT09004
Mounted
on
a
ceramic
board
(600mm
2!
0.8mm)


Número de pieza similar - MCH3219

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3218 SANYO-MCH3218 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results

Descripción similar - MCH3219

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6013 SANYO-2SC6013 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6015 SANYO-2SC6015 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6016 SANYO-2SC6016 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6022 SANYO-2SC6022 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3222 SANYO-MCH3222 Datasheet
39Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6021 SANYO-2SC6021 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3235 SANYO-CPH3235 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3218 SANYO-MCH3218 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com