Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SB20015M Datasheet(Hoja de datos) 1 Page - Sanyo Semicon Device

No. de Pieza. SB20015M
Descripción  Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
SB20015M
No. A0198-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Small switching noise.
Low leakage current and high reliability due to highly reliable planar structure.
Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
15
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
17
V
Average Output Current
IO
Mounted on a ceramic board (500mm2!0.8mm)
2.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=0.2mA
15
V
Forward Voltage
VF
IF=2.0A
0.55
V
Reverse Current
IR
VR=7.5V
6
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
27
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (500mm2!0.8mm)
70
°C / W
Marking : SN
Ordering number : ENA0198
72606 / 32406SB MS IM TB-00002129
SB20015M
Low IR Schottky Barrier Diode
15V, 2.0A Rectifier
SANYO Semiconductors
DATA SHEET
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.




Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SB10015MLow IR Schottky Barrier Diode 15V 1.0A Rectifier 1 2 3 Sanyo Semicon Device
SB2003MSchottky Barrier Diode 30V 2.0A Rectifier 1 2 3 Sanyo Semicon Device
SB0503ECLow IR Schottky Barrier Diode 30V 0.5A Rectifier 1 2 3 Sanyo Semicon Device
SB0509VSchottky Barrier Diode 90V 0.5A Rectifier 1 2 3 Sanyo Semicon Device
CDBL120L-GLow VF SMD Schottky Barrier Rectifier 1 2 Comchip Technology
SB1003MSchottky Barrier Diode 30V 1A Rectifier 1 2 3 Sanyo Semicon Device
SB1003M3Schottky Barrier Diode 30V 1.0A Rectifier 1 2 3 Sanyo Semicon Device
B270_12.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
CDBM120L-GLow VF SMD Schottky Barrier Rectifier 1 2 Comchip Technology
SB3003CHLow IR Schottky Barrier Diode Low IR Schottky Barrier Diode 1 2 3 Sanyo Semicon Device

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl