Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BD540 Datasheet(Hoja de datos) 3 Page - Power Innovations Ltd

No. de Pieza. BD540
Descripción  PNP SILICON POWER TRANSISTORS
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  POINN [Power Innovations Ltd]
Página de inicio  http://www.bourns.com
Logo 

   
 3 page
background image
3
JUNE 1973 - REVISED MARCH 1997
BD540, BD540A, BD540B, BD540C
PNP SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·01
-0·1
-1·0
-10
10
100
1000
TCS632AH
V
CE = -4 V
t
p = 300 µs, duty cycle < 2%
T
C = 25°C
T
C = 80°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - mA
-0·1
-1·0
-10
-100
-1000
-0·01
-0·1
-1·0
-10
TCS632AB
I
C = -100 mA
I
C = -300 mA
I
C = -1 A
I
C = -3 A
BASE-EMITTER VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·01
-0·1
-1
-10
-0·5
-0·6
-0·7
-0·8
-0·9
-1
TCS632AC
V
CE = -4 V
T
C = 25°C




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BD250PNP SILICON POWER TRANSISTORS 1 2 3 4 5 MorePower Innovations Ltd
ZTX754PNP SILICON PLANAR MEDIUM POWER TRANSISTORS 1 2 Zetex Semiconductors
2N3720Silicon PNP Power Transistors 1 2 3 Microsemi Corporation
2N6728PNP SILICON PLANAR MEDIUM POWER TRANSISTORS 1 List of Unclassifed Manufacturers
TIP645PNP DARLINGTON CONNECTED SILICON POWER TRANSISTORS 1 2 3 4 5 MoreTexas Instruments
BD544PNP SILICON POWER TRANSISTORS 1 2 3 4 5 MorePower Innovations Ltd
ZTX756PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS 1 2 Zetex Semiconductors
BD546PNP SILICON POWER TRANSISTORS 1 2 3 4 5 MorePower Innovations Ltd
ZXTD4591E6DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS 1 2 3 4 5 MoreZetex Semiconductors
2SB795PNP SILICON DARLINGTON POWER TRANSISTORS 1 2 3 NEC

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl