Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX20470 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

No. de pieza CX20470
Descripción Electrónicos  CDMA Baseband Analog Processor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX20470 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  CX20470 Datasheet HTML 1Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 2Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 3Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 4Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 5Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 6Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 7Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 8Page - Skyworks Solutions Inc. CX20470 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CDMA BAP
CX20470
101106A
Skyworks – Preliminary
5
August 24, 2000
Proprietary Information and Specifications are Subject to Change
Audio CODEC Section
The CODEC serves as an interface between a voice device and a
digital processor system. The CODEC provides a bi-directional
interface between voice/audio and a digital system processor. It
receives audio signals from sources such as microphones,
digitizes the signals, and outputs them to a host processing
system. The CODEC receives digital signals from the digital
processing system (MSM ASIC or equivalent), converts the signal
to analog, and outputs the signal to a device such as an earpiece
or a speaker.
As shown in Figure 5, CODEC operations can be divided into four
groups: transmit (ADC) channel, receive (DAC) channel, timing
and control, and power control.
CODEC Transmit Section. The transmit section is designed to
interface directly with a microphone and/or an external audio
source at the same time. The microphone input or external source
signal can be selected as the audio input signal.
The input signal is buffered and amplified with a provision to set
the amplifier gain to accommodate a range of signal input levels.
The amplified signal is then anti-aliased and bandpass filtered and
applied to the input of a 14-bit linear A/D converter. The digital
converted data is then clocked out as a serial data stream
(PCMOUT) to the digital system processor.
CODEC Receive Section. The receive section collects a frame of
serial data on the PCMIN and converts it to the analog signal
through a linear D/A converter. The analog converted signal is
then lowpass filtered to provide out-of-band rejection and
smoothing. The filtered signal is sent to the speaker or the line
driver amplifier. Both amplifiers have a differential output with
adjustable gain control.
CODEC Configuration and Control Interface Section. CODEC
operation mode and configuration control registers can be easily
programmed directly from a digital system processor through an
I2C -bus compatible or three-wire serial bus interface. The serial
interface types are pin-selectable between 3-wire bus or I2C-bus
interface.
Electrical and Mechanical Specifications
Signal pin assignments and functional pin descriptions are
described in Table 1 (100-pin
µBGA) and Table 2 (56-pin LGA).
The absolute maximum ratings of the CX20470 are provided in
Table 3. The recommended operating conditions are specified in
Table 4. Electrical specifications are provided in Table 5.
Tables 6 through 9 specify input and output signal levels and
electrical characteristics. A system block diagram is provided in
Figure 4 and an audio CODEC block diagram is presented in
Figure 5.
Package dimensions for the CX20470 are shown in Figure 6
(100-pin
µBGA) and Figure 7 (56-pin LGA).
Electrostatic Discharge (ESD) Sensitivity
The CX20470 is a Class 1 device. The following ESD precautions
are required:
Protective outer garments.
Handle device in ESD safeguarded work area.
Transport device in ESD shielded containers.
Monitor and test all ESD protection equipment.
Treat the CX20470 BAP as extremely sensitive to ESD since ESD
sensitivity has not yet been determined for this device.


Número de pieza similar - CX20470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
CX2047 PULSE-CX2047 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2047L PULSE-CX2047L Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX2047LANL PULSE-CX2047LANL Datasheet
146Kb / 2P
   Balun Transformer
CX2047LNL PULSE-CX2047LNL Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
CX2047LNL PULSE-CX2047LNL Datasheet
116Kb / 1P
   RF TRANSFORMER, 1:4CT
More results

Descripción similar - CX20470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
   CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
CX20536 ETC-CX20536 Datasheet
48Kb / 2P
   CX20536: CDMA and GPS Baseband Analog Processor
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
CML Microcircuits
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
   TETRA Baseband Processor
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
logo
Micronas
BSP3505D MICRONAS-BSP3505D Datasheet
267Kb / 40P
   Baseband Sound Processor
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com