Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5310-BM Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI5310-BM
Descripción Electrónicos  PRECISION CLOCK MULTIPLIER/REGENERATOR IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5310-BM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI5310-BM Datasheet HTML 2Page - Silicon Laboratories SI5310-BM Datasheet HTML 3Page - Silicon Laboratories SI5310-BM Datasheet HTML 4Page - Silicon Laboratories SI5310-BM Datasheet HTML 5Page - Silicon Laboratories SI5310-BM Datasheet HTML 6Page - Silicon Laboratories SI5310-BM Datasheet HTML 7Page - Silicon Laboratories SI5310-BM Datasheet HTML 8Page - Silicon Laboratories SI5310-BM Datasheet HTML 9Page - Silicon Laboratories SI5310-BM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Si5310
6
Rev. 1.2
Table 2. DC Characteristics, VDD = 2.5 V, 622 Mbps (MULTSEL = 0)
(VDD = 2.5 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
MULTSEL = 0
MULTSEL = 1
IDD
117
124
127
134
mA
Power Dissipation
MULTSEL = 0
MULTSEL = 1
PD
293
310
333
352
mW
Common Mode Input Voltage
(CLKIN, REFCLK)
VICM
See Figure 1
.80 x VDD
—V
Input Voltage Range*
(CLKIN+, CLKIN–, REFCLK+, REFCLK–)
VIS
See Figure 1
200
750
mV
Differential Input Voltage Swing*
(CLKIN, REFCLK)
VID
See Figure 1
200
1500
mVPP
Input Impedance (CLKIN, REFCLK)
RIN
Line-to-Line
84
100
116
Differential Output Voltage Swing
(CLKOUT)
VOD
100
Ω Load
Line-to-Line
780
970
1260
mVPP
Differential Output Voltage Swing
(MULTOUT)
VOD
100
Ω Load
Line-to-Line
780
970
1260
mVPP
Output Common Mode Voltage
(CLKOUT, MULTOUT)
VOCM
100
Ω Load
Line-to-Line
—VDD
0.23
—V
Output Impedance (CLKOUT, MULTOUT)
ROUT
Single-ended
84
100
116
Output Short to GND (CLKOUT, MULTOUT)
ISC(–)
—25
31
mA
Output Short to VDD (CLKOUT, MULTOUT)
ISC(+)
–17.5
–14.5
mA
Input Voltage Low (LVTTL Inputs)
VIL
——
.8
V
Input Voltage High (LVTTL Inputs)
VIH
2.0
V
Input Low Current (LVTTL Inputs)
IIL
——
10
µA
Input High Current (LVTTL Inputs)
IIH
——
10
µA
Output Voltage Low (LVTTL Outputs)
VOL
IO = 2 mA
0.4
V
Output Voltage High (LVTTL Outputs)
VOH
IO = 2 mA
2.0
V
Input Impedance (LVTTL Inputs)
RIN
10
k
PWRDN/CAL Internal Pulldown Current
IPWRDN VPWRDN ≥ 0.8 V
15
25
45
µA
*Note: The CLKIN and REFCLK inputs may be driven differentially or single-endedly. When driving single-endedly, the voltage
swing of the signal applied to the active input must exceed the specified minimum Differential Input Voltage Swing (VID
min) and the unused input must be ac-coupled to ground. When driving differentially, the difference between the
positive and negative input signals must exceed VID min. (Each individual input signal needs to swing only half of this
range.) In either case, the voltage applied to any individual pin (CLKIN+, CLKIN–, REFCLK+, or REFCLK–) must not
exceed the specified maximum Input Voltage Range (VIS max).


Número de pieza similar - SI5310-BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI5310-EVB SILABS-SI5310-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
More results

Descripción similar - SI5310-BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com