Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5366 Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI5366
Descripción Electrónicos  PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5366 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5366 Datasheet HTML 5Page - Silicon Laboratories SI5366 Datasheet HTML 6Page - Silicon Laboratories SI5366 Datasheet HTML 7Page - Silicon Laboratories SI5366 Datasheet HTML 8Page - Silicon Laboratories SI5366 Datasheet HTML 9Page - Silicon Laboratories SI5366 Datasheet HTML 10Page - Silicon Laboratories SI5366 Datasheet HTML 11Page - Silicon Laboratories SI5366 Datasheet HTML 12Page - Silicon Laboratories SI5366 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Si5366
Preliminary Rev. 0.2
9
13
57
CS0_C3A
CS1_C4A
I/O
LVCMOS
Input Clock Select/CKINn Active Clock Indicator.
If manual clock selection mode is chosen (AUTOSEL = L), the
CS[1:0] pins function as the manual input clock selector con-
trol.
These inputs are internally deglitched to prevent inadvertent
clock switching during changes in the CSn input state.
If automatic clock detection is chosen (AUTOSEL = M or H),
these pins function as the CKINn active clock indicator output.
0 = CKINn is not the active input clock.
1 = CKINn is currently the active input clock to the PLL.
This pin has a weak pull-down.
16
17
XA
XB
IANALOG
External Crystal or Reference Clock.
External crystal should be connected to these pins to use inter-
nal oscillator based reference. If external reference is used,
apply reference clock to XA input and leave XB pin floating.
External reference must be from a high-quality clock source
(TCXO, OCXO). Frequency of crystal or external clock is set by
the RATE pin. When used with an external 38.88 MHz refer-
ence, AC couple to XA and leave XB as a no connect.
20
FS_SW
I
LVCMOS
FSYNC Inputs to Clock Selection Enable.
If CK_CONF = 1, this pin enables the use of the CKIN3 and
CKIN4 loss-of-signal indicators as inputs to the clock selection
state machine.
0 = Do not use CKIN3 and CKIN4 LOS indicators as inputs to
the clock selection state machine.
1 = Use CKIN3 and CKIN4 LOS indicators as inputs to the
clock selection state machine.
This pin has a weak pull-down.
21
FS_ALIGN
I
LVCMOS
FSYNC Alignment Control.
If CK_CONF = 1, a logic high on this pin causes the FS_OUT
phase to be realigned to the rising edge of the currently active
input sync (CKIN3 or CKIN4).
0 = No realignment.
1 = Realignment.
This pin has a weak pull-down.
22
AUTOSEL
I
3-Level
Manual/Automatic Clock Selection.
Three level input that selects the method of input clock selec-
tion to be used.
L = Manual.
M = Automatic non-revertive.
H = Automatic revertive.
Table 3. Si5366 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
CS[1:0]
Active Input Clock
00
CKIN1
01
CKIN2
10
CKIN3
11
CKIN4


Número de pieza similar - SI5366

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si5366 SILABS-Si5366 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5366 SKYWORKS-SI5366 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5366-C-GQ SKYWORKS-SI5366-C-GQ Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Descripción similar - SI5366

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com