Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1145 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

No. de pieza SMV1145
Descripción Electrónicos  Hyperabrupt Junction Tuning Varactors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1145 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1145 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1145 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1145 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1145 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1145 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1145 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 23, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200056 Rev. E
DATA SHEET • SMV1142–SMV1148
2
Single
Single
SC-79
SOD-323
SMV1142-011
Marking: BU
SMV1142-011LF
Marking: GU
SMV1143-011
Marking: BV
SMV1143-011LF
Marking: GV
SMV1144-011
Marking: BW
SMV1144-011LF
Marking: GW
SMV1145-079
SMV1145-011
Marking: Cathode
Marking: BA
SMV1145-079LF
SMV1145-011LF
Marking: Cathode
Marking: GA
SMV1147-079
SMV1147-011
Marking: Cathode
Marking: BY
SMV1147-079LF
SMV1147-011LF
Marking: Cathode
Marking: GY
SMV1148-011
Marking: BZ
SMV1148-011LF
Marking: GZ
LS = 0.7 nH
LS = 1.5 nH
CT
CT
CT @ 1 V
CT @ 1 V
RS @ 3 V
Q
Part
CT @ 1 V
@ 3 V
@ 6 V
CT @ 3 V
CT @ 6 V
500 MHz
@ 3 V
Number
(pF)
(pF)
(pF)
(Ratio)
(Ratio)
(
Ω
Ω)
50 MHz
Min.
Max.
Typ.
Typ.
Min.
Max.
Min.
Max.
Max.
Typ.
SMV1142
8.2
10
5.8
3.5
1.5
1.65
2.43
2.93
0.7
800
SMV1143
11.60
14.20
8.2
4.9
1.5
1.65
2.45
2.95
0.65
600
SMV1144
14.65
17.95
10.4
6.1
1.5
1.65
2.46
2.96
0.65
500
SMV1145
25.5
31.2
18.1
10.6
1.5
1.65
2.5
3
0.6
300
SMV1147
54.6
66.7
38.6
22.6
1.5
1.65
2.5
3
0.55
150
SMV1148
62
76
44.1
25.2
1.5
1.65
2.5
3
0.5
150
Electrical Specifications at 25 °C
Reverse Voltage VR (IR = 10
μA): 12 V minimum.
Reverse Current IR (VR = 9.6 V): 20 nA maximum.
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative
to our standard tin/lead (Sn/Pb) packaging.


Número de pieza similar - SMV1145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV1145-011 ALPHA-SMV1145-011 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1145-079 ALPHA-SMV1145-079 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1145-079LF SKYWORKS-SMV1145-079LF Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results

Descripción similar - SMV1145

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com