Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMV1144-011 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

No. de Pieza. SMV1144-011
Descripción  Hyperabrupt Junction Tuning Varactors
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo 

SMV1144-011 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 23, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200056 Rev. E
DATA SHEET • SMV1142–SMV1148
2
Single
Single
SC-79
SOD-323
SMV1142-011
Marking: BU
SMV1142-011LF
Marking: GU
SMV1143-011
Marking: BV
SMV1143-011LF
Marking: GV
SMV1144-011
Marking: BW
SMV1144-011LF
Marking: GW
SMV1145-079
SMV1145-011
Marking: Cathode
Marking: BA
SMV1145-079LF
SMV1145-011LF
Marking: Cathode
Marking: GA
SMV1147-079
SMV1147-011
Marking: Cathode
Marking: BY
SMV1147-079LF
SMV1147-011LF
Marking: Cathode
Marking: GY
SMV1148-011
Marking: BZ
SMV1148-011LF
Marking: GZ
LS = 0.7 nH
LS = 1.5 nH
CT
CT
CT @ 1 V
CT @ 1 V
RS @ 3 V
Q
Part
CT @ 1 V
@ 3 V
@ 6 V
CT @ 3 V
CT @ 6 V
500 MHz
@ 3 V
Number
(pF)
(pF)
(pF)
(Ratio)
(Ratio)
(
Ω
Ω)
50 MHz
Min.
Max.
Typ.
Typ.
Min.
Max.
Min.
Max.
Max.
Typ.
SMV1142
8.2
10
5.8
3.5
1.5
1.65
2.43
2.93
0.7
800
SMV1143
11.60
14.20
8.2
4.9
1.5
1.65
2.45
2.95
0.65
600
SMV1144
14.65
17.95
10.4
6.1
1.5
1.65
2.46
2.96
0.65
500
SMV1145
25.5
31.2
18.1
10.6
1.5
1.65
2.5
3
0.6
300
SMV1147
54.6
66.7
38.6
22.6
1.5
1.65
2.5
3
0.55
150
SMV1148
62
76
44.1
25.2
1.5
1.65
2.5
3
0.5
150
Electrical Specifications at 25 °C
Reverse Voltage VR (IR = 10
μA): 12 V minimum.
Reverse Current IR (VR = 9.6 V): 20 nA maximum.
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative
to our standard tin/lead (Sn/Pb) packaging.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn