Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1413-074LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

No. de pieza SMV1413-074LF
Descripción Electrónicos  Abrupt Junction Tuning Varactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1413-074LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1413-074LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1413-074LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1413-074LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1413-074LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1413-074LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • SMV1405–SMV1413
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200068 Rev. F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • September 28, 2007
0.1
1.0
10.0
100.0
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
0
5
10
1520
25
30
SMV1413
SMV1408
SMV1405
-5
-4
-3
-1
-2
0
1
2
3
5
4
6
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Capacitance Change
vs. Temperature
VR = 1 V
VR = 4 V
VR = 30 V
Typical Performance Data
Typical Capacitance Values
SMV1405
SMV1408
SMV1413
VR (V)
CT (pF)
CT (pF)
CT (pF)
0
2.67
4.08
9.24
0.5
2.12
3.36
7.39
1
1.84
2.94
6.37
1.5
1.7
2.6
5.71
2
1.55
2.38
5.22
2.5
1.44
2.24
4.85
3
1.34
2.08
4.55
4
1.25
1.88
4.1
5
1.17
1.72
3.77
10
0.95
1.28
2.85
20
0.77
1.01
2.12
30
0.63
0.95
1.77
Part
CJO
VJ
CP
RS
Number
(pF)
(V)
M
(pF)
(W )
SMV1405
2.92
0.68
0.41
0.05
0.8
SMV1408
3.7
0.8
0.48
0.13
0.6
SMV1413
9.2
0.79
0.45
0.13
0.35
SPICE Model
Values extracted from measured performance.
For package inductance (LS) refer to package type.
For more details refer to the “Varactor SPICE Models for RF VCO Applications”
Application Note.
DIODE
Varactor_Diode
AREA = 1
MODEL = Diode_Model
MODE = nonlinear
RES
RS
R = RS
IND
LS
L = LS
CAP
CP
C = CP
PORT
P_anode
port = 1
PORT
P_Cathode
port = 2
DIODEM
Diode_Model
IS = 1.00e-14
RS = 0
N = 1
TT = 0
CJO = CJO
M = M
VJ = VJ
EG = 1.11
XTI = 3
KF =0
AF =1
FC = 0.5
BV = 0
IBV = 1e-3
ISR = 0
NR = 2
IKF = 0
NBV = 1
IBVL = 0
NBVL = 1
TBV1 = 0
TNOM = 27
FFE = 1
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Número de pieza similar - SMV1413-074LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1413-079LF SKYWORKS-SMV1413-079LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Descripción similar - SMV1413-074LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
   Abrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
   Abrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
   Plastic Packaged Abrupt Junction Tuning Varactors
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
   Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A_09 Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
   GaAs Abrupt Tuning Varactors
logo
Microsemi Corporation
GC1600A MICROSEMI-GC1600A Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
GC1700A MICROSEMI-GC1700A Datasheet
138Kb / 3P
   CONTROL DEVICES 60 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
   Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
   GaAs, High Q Abrupt Tuning Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com