Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S-1112B2JPI-L7PTFG Datasheet(PDF) 15 Page - Seiko Instruments Inc

No. de Pieza. S-1112B2JPI-L7PTFG
Descripción  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo 

S-1112B2JPI-L7PTFG Datasheet(HTML) 15 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-1112/1122 Series
Seiko Instruments Inc.
15
3. Shutdown pin (ON/OFF pin)
This pin starts and stops the regulator.
When the ON/OFF pin is set to the shutdown level, the operation of all internal circuits stops, and the built-
in P-channel MOS FET output transistor between the VIN pin and VOUT pin is turned off to substantially
reduce the current consumption. The VOUT pin becomes the VSS level due to the internally divided
resistance of several M
Ω between the VOUT pin and VSS pin.
The structure of the ON/OFF pin is as shown in Figure 13. Since the ON/OFF pin is neither pulled down
nor pulled up internally, do not use it in the floating state. In addition, note that the current consumption
increases if a voltage of 0.3 V to VIN – 0.3 V is applied to the ON/OFF pin. When the ON/OFF pin is not
used, connect it to the VSS pin if the logic type is “A” and to the VIN pin if it is “B”.
Table 8
Logic Type
ON/OFF Pin
Internal Circuits
VOUT Pin Voltage
Current Consumption
A
“L”: Power on
Operating
Set value
ISS1
A
“H”: Power off
Stopped
VSS level
ISS2
B
“L”: Power off
Stopped
VSS level
ISS2
B
“H”: Power on
Operating
Set value
ISS1
VSS
ON/OFF
VIN
Figure 13
Selection of Output Capacitor (CL)
The S-1112/1122 Series requires an output capacitor between the VOUT and VSS pins for phase
compensation. A ceramic capacitor with a capacitance of 0.47
µF or more can be used. Even if using an OS
capacitor, tantalum capacitor, or aluminum electrolytic capacitor, a capacitance of 0.47
µF or more and an ESR
of 10
Ω or less are required.
The value of the output overshoot or undershoot transient response varies depending on the value of the output
capacitor.
When selecting the output capacitor, perform sufficient evaluation, including evaluation of temperature
characteristics, on the actual device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn