Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S-1112B2JPI-L7PTFG Datasheet(PDF) 17 Page - Seiko Instruments Inc

No. de Pieza. S-1112B2JPI-L7PTFG
Descripción  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo 

S-1112B2JPI-L7PTFG Datasheet(HTML) 17 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-1112/1122 Series
Seiko Instruments Inc.
17
Characteristics (Typical Data)
Remark The following, which describes the S-1112 Series as the typical product, shows typical data common
to the S-1122 Series.
(1) Output Voltage vs. Output current (when load current increases)
S-1112B15 (Ta
= 25°C)
S-1112B30 (Ta
= 25°C)
0
100
200
300
400
500
600
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VIN
= 1.8 V
2.5 V
6.5 V
200
300
400
500
100
0
600
VIN
= 3.3 V
4.0 V
6.5 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IOUT [mA]
IOUT [mA]
S-1112B50 (Ta
= 25°C)
200
300
400
100
0
VIN
= 5.3 V
6.0 V
6.5 V
500
6
5
4
3
2
1
0
600
IOUT [mA]
Remark In determining the output current, attention
should be paid to the following.
1)
The minimum output current value
and footnote *5 in the electrical
characteristics
2)
The package power dissipation
(2) Output voltage vs. Input voltage
S-1112B15 (Ta
= 25°C)
S-1112B30 (Ta
= 25°C)
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IOUT
= 1 mA
30 mA
50 mA
3.5
3.0
2.5
2.0
1.5
1.0
3.1
3.0
2.9
2.8
2.7
2.6
2.5
IOUT
= 1 mA
30 mA
50 mA
5.0
4.5
4.0
3.5
3.0
2.5
VIN [V]
VIN [V]
S-1112B50 (Ta
= 25°C)
IOUT
= 1 mA
30 mA
50 mA
5.5
5.0
4.5
4.0
3.5
3.0
2.5
7.0
6.0
5.0
4.0
3.0
2.0
VIN [V]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn