Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S-1112B2JPI-L7PTFG Datasheet(PDF) 21 Page - Seiko Instruments Inc

No. de Pieza. S-1112B2JPI-L7PTFG
Descripción  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo 

S-1112B2JPI-L7PTFG Datasheet(HTML) 21 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-1112/1122 Series
Seiko Instruments Inc.
21
Reference Data
(1) Input transient response characteristics
S-1112B15 (Ta
= 25°C)
S-1112B30 (Ta
= 25°C)
IOUT
= 30 mA, tr = tf = 5.0 µs, COUT = 0.47 µF, CIN = 0 µF
IOUT
= 30 mA, tr = tf = 5.0 µs, COUT = 0.47 µF, CIN = 0 µF
1.62
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN
VOUT
-40 -20
0
20
40
60
80 100 120 140 160
-40 -20
0
20
40
60
80 100 120 140 160
VIN
VOUT
3.08
3.06
3.04
3.02
3.00
2.98
2.96
6
5
4
3
2
1
0
t [
µs]
t [
µs]
S-1112B50 (Ta
= 25°C)
IOUT
= 30 mA, tr = tf = 5.0 µs, COUT = 0.47 µF, CIN = 0 µF
5.12
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
8
7
6
5
4
3
2
1
0
VIN
VOUT
-40 -20
0
20
40
60
80 100 120 140 160
t [
µs]
(2) Load transient response characteristics
S-1112B15 (Ta
= 25°C)
S-1112B30 (Ta
= 25°C)
VIN
= 2.5 V, COUT = 0.47 µF, CIN = 1.0 µF, IOUT = 50↔100 mA
VIN
= 4.0 V, COUT = 0.47 µF, CIN = 1.0 µF, IOUT = 50↔100 mA
0
20
40
60
80 100 120 140
-40 -20
160
IOUT
VOUT
1.70
1.65
1.60
1.55
1.50
1.45
1.40
150
100
50
0
–50
–100
–150
0
20
40
60
80 100 120 140
-40 -20
160
IOUT
VOUT
150
100
50
0
–50
–100
–150
3.20
3.15
3.10
3.05
3.00
2.95
2.90
t [
µs]
t [
µs]
S-1112B50 (Ta
= 25°C)
VIN
= 6.0 V, COUT = 0.47 µF, CIN = 1.0 µF, IOUT = 50↔100 mA
0
20
40
60
80 100 120 140
-40 -20
160
VOUT
IOUT
5.20
5.15
5.10
5.05
5.00
4.95
4.90
150
100
50
0
–50
–100
–150
t [
µs]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn