Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S-1112B2JPI-L7PTFG Datasheet(PDF) 13 Page - Seiko Instruments Inc

No. de Pieza. S-1112B2JPI-L7PTFG
Descripción  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo 

S-1112B2JPI-L7PTFG Datasheet(HTML) 13 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-1112/1122 Series
Seiko Instruments Inc.
13
7.
OUT
OUT
V
Ta
V
voltage
output
of
t
coefficien
e
Temperatur
The shadowed area in Figure 11 is the range where VOUT varies in the operating temperature range
when the temperature coefficient of the output voltage is
±100 ppm/°C.
VOUT(E)
*1
Ex. S-1112/1122B28 Typ.
−40
25
+0.28 mV / °C
VOUT
[V]
*1. VOUT(E) is the value of the output voltage measured at 25
°C.
85
Ta [
°C]
−0.28 mV / °C
Figure 11
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
3
*
2
*
*1
*1. Change in temperature of output voltage
*2. Specified output voltage
*3. Output voltage temperature coefficient


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn