Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5400 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N5400
Descripción Electrónicos  3.0 AMPS. Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5400 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N5400 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5400 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N5400 THRU 1N5408)
FIG.3- MAXIMUM REPETITIVE FORWARD
SURGE CURRENT
10
50
5
1
100
10
50
100
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half
Sine Wave
JEDEC Method
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
50
10
15
10
200
150
50
100
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
2
3
0
1
4
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FORWARD VOLTAGE. (V)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.8
1.6
0.6
0.4
0.8
1.0
1.2
1.4
0.01
100
30
3
10
1
0.03
0.1
0.3
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
Version: A06
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
.01
.1
100
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0


Número de pieza similar - 1N5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
More results

Descripción similar - 1N5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BY255 ETC-BY255 Datasheet
52Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS?
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_11 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
BY251 TSC-BY251 Datasheet
65Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5400 YANGJIE-1N5400 Datasheet
696Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS
BY251 YANGJIE-BY251 Datasheet
692Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_10 Datasheet
1Mb / 2P
   3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400 Datasheet
66Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Jinan Gude Electronic D...
1N5400 JGD-1N5400 Datasheet
148Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
BY251 TSC-BY251_10 Datasheet
515Kb / 2P
   3.0 AMPS. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com