Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5401G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N5401G
Descripción Electrónicos  3.0 AMPS. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5401G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N5401G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5401G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
1N5400G - 1N5408G
3.0 AMPS. Glass Passivated Rectifiers
DO-201AD
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 1.2 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol 1N
5400G
1N
5401G
1N
5402G
1N
5404G
1N
5406G
1N
5407G
1N
5408G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 75
oC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@3.0A
VF
1.1
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
100
uA
uA
Typical Junction Capacitance ( Note 1 )
Cj
25
pF
Typical Thermal Resistance ( Note 2 )
RθJA
45
oC/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad size 16mm x 16mm on P.C.B.


Número de pieza similar - 1N5401G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
1N5401G RECTRON-1N5401G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
1N5401G DACHANG-1N5401G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
Guangdong Juxing Electr...
1N5401G JUXING-1N5401G Datasheet
621Kb / 2P
   SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5401G TSC-1N5401G Datasheet
61Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
logo
ON Semiconductor
1N5401G ONSEMI-1N5401G Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
More results

Descripción similar - 1N5401G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5400G TSC-1N5400G_1 Datasheet
61Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_11 Datasheet
191Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_10 Datasheet
380Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
FR301G TSC-FR301G_10 Datasheet
541Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
GP30A TSC-GP30A Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
FR301G TSC-FR301G Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR301G JGD-FR301G Datasheet
145Kb / 2P
   3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
SF31G DYELEC-SF31G Datasheet
612Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
SF31GU DYELEC-SF31GU Datasheet
616Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF31G JGD-SF31G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com