Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ACT7802-25FN Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza SN74ACT7802-25FN
Descripción Electrónicos  1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7802-25FN Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ACT7802-25FN Datasheet HTML 6Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 7Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 8Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 9Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 10Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 11Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 12Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 13Page - Texas Instruments SN74ACT7802-25FN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN74ACT7802
1024
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS187D – AUGUST 1990 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
0
50
100
150
200
250
300
VCC = 5 V
RL = 500 Ω
TA = 25°C
typ + 8
typ + 6
typ + 4
typ + 2
typ
typ – 2
Figure 4
typ
typ – 1
typ – 2
typ – 3
4.5
4.6
4.7
4.8
4.9
5
5.1
typ + 1
typ + 2
POWER DISSIPATION CAPACITANCE
vs
SUPPLY VOLTAGE
typ + 3
5.2
5.3
5.4
5.5
f = 5 MHz
TA = 25°C
CL = 50 pF
VCC – Supply Voltage – V


Número de pieza similar - SN74ACT7802-25FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802FN TI-SN74ACT7802FN Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802PN TI-SN74ACT7802PN Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

Descripción similar - SN74ACT7802-25FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com