Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GBU601 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza GBU601
Descripción Electrónicos  Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU601 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBU601_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU601_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
GBU601 - GBU607
Single Phase 6.0 AMPS. Glass Passivated
Bridge Rectifiers
GBU
.880(22.3)
.860(21.8)
9
TYP.
.080(2.03)
.065(1.65)
.710(18.0)
.690(17.5)
.085(2.16)
.075(1.90)
.022(0.56)
.018(0.46)
.160(4.1)
.140(3.5)
.050(1.27)
.040(1.02)
0.125(3.2)x45
CHAMFER
.190(4.83)
.210(5.33)
.100(2.54)
.085(2.16)
.075
(1.9)R
.020R(TYP.)
.310(7.90)
.290(7.40)
.085(2.16)
.065(1.65)
.740(18.8)
.720(18.3)
.080(2.03)
.060(1.52)
.140(3.56)
.130(3.30)
Features
UL Recognized File # E-96005
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
High case dielectric strength of 1500VRMS
Surge overload rating to 175 amperes peak
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”, (9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mechanical Data
Case: Molded plastic body.
Terminals: Plated leads solderable per MIL-STD-
750, Method 2026.
Weight: 0. 3 ounce, 8.0 grams
Mounting torque: 5 in. lb. max.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol GBU
601
GBU
602
GBU
603
GBU
604
GBU
605
GBU
606
GBU
607
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TC = 100
oC
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sne-wave Superimposed on Rated Load
(JEDEC method )
IFSM
175
A
Maximum Instantaneous Forward Voltage
@ 3.0A
@ 6.0A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Junction Capacitance (Note 3)
Cj
211
94
pF
Typical Thermal Resistance
(Note 1, 2)
RθJA
RθJC
7.0
2.0
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Notes:
1. Mounted on Al. Plate Heatsink of 2” x 3” x 0.25”.
2. Bolt on Heatsink with silicone Thermal Compound for Maximum Heat Transfer with #6 Screws.
3. Measured at 1.0 MHZ and Applied Reverse Voltage of 4.0 Volts.


Número de pieza similar - GBU601_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Compact Technology Corp...
GBU601 CTC-GBU601_15 Datasheet
176Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU601 TSC-GBU601_15 Datasheet
209Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

Descripción similar - GBU601_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_1 Datasheet
276Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBJ6005 KINGTRONICS-GBJ6005_15 Datasheet
361Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G_10 Datasheet
520Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU601G TSC-KBU601G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBU6005 KINGTRONICS-KBU6005_15 Datasheet
413Kb / 2P
   6.0 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B05G TSC-TS6B05G Datasheet
39Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com