Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62240DRV Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS62240DRV
Descripción Electrónicos  2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62240DRV Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62240DRV Datasheet HTML 5Page - Texas Instruments TPS62240DRV Datasheet HTML 6Page - Texas Instruments TPS62240DRV Datasheet HTML 7Page - Texas Instruments TPS62240DRV Datasheet HTML 8Page - Texas Instruments TPS62240DRV Datasheet HTML 9Page - Texas Instruments TPS62240DRV Datasheet HTML 10Page - Texas Instruments TPS62240DRV Datasheet HTML 11Page - Texas Instruments TPS62240DRV Datasheet HTML 12Page - Texas Instruments TPS62240DRV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
TimeBase-10 s/Div
m
V 3.6V
V
1.8V,I
10mA
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
V
20mV/Div
OUT
SW2V/Div
I
200mA/Div
coil
V 3.6V;V
1.8V,I
10
MODE=GND
IN
OUT
OUT
mA;
L =4.7 H,C
=10 F0603,
m
m
OUT
V
20mV/Div
OUT
I
200mA/Div
coil
TimeBase-2ms/Div
SW2V/Div
V 3.6V
V
1.8V
I
20
MODE=GND
IN
OUT
OUT
mA to200mA
V
50mV/Div
OUT
I
200mA/Div
coil
Timebase-40ms/Div
I
200mA/Div
OUT
20mA
200mA
V 3.6V
V
1.8V
I
1
MODE=GND
IN
OUT
OUT
mA to50mA
V
50mV/Div
OUT
I
200mA/Div
coil
TimeBase-100ms/Div
I
50mA/Div
OUT
1mA
50mA
TPS62240, TPS62242, TPS62243
SLVS762B – JUNE 2007 – REVISED SEPTEMBER 2007
TYPICAL OPERATION
vs
PFM MODE
PFM MODE RIPPLE
Figure 13.
Figure 14.
PFM LOAD TRANSIENT
PFM LOAD TRANSIENT
Figure 15.
Figure 16.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62240 TPS62242 TPS62243


Número de pieza similar - TPS62240DRV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62240DRVR TI1-TPS62240DRVR Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240DRVRG4 TI1-TPS62240DRVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240DRVT TI1-TPS62240DRVT Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240DRVTG4 TI1-TPS62240DRVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
More results

Descripción similar - TPS62240DRV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com