Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76918-Q1 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS76918-Q1
Descripción Electrónicos  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS76918-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76918-Q1 Datasheet HTML 1Page - Texas Instruments TPS76918-Q1 Datasheet HTML 2Page - Texas Instruments TPS76918-Q1 Datasheet HTML 3Page - Texas Instruments TPS76918-Q1 Datasheet HTML 4Page - Texas Instruments TPS76918-Q1 Datasheet HTML 5Page - Texas Instruments TPS76918-Q1 Datasheet HTML 6Page - Texas Instruments TPS76918-Q1 Datasheet HTML 7Page - Texas Instruments TPS76918-Q1 Datasheet HTML 8Page - Texas Instruments TPS76918-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1, TPS76918-Q1, TPS76925-Q1
TPS76927-Q1, TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SGLS118A – DECEMBER 2001 – REVISED JANUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 100 mA, EN = 0 V, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS76901 Q1
1.2 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS76901-Q1
1.2 V
≤ VO ≤ 5.5 V,
TJ = –40°C to 125°C
0.97VO
1.03VO
TPS76912 Q1
TJ = 25°C,
2.7 V < VIN < 10 V
1.224
TPS76912-Q1
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.187
1.261
TPS76915 Q1
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
TPS76915-Q1
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.455
1.545
TPS76918 Q1
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
TPS76918-Q1
TJ = –40°C to 125°C, 2.8 V < VIN < 10 V
1.746
1.854
TPS76925 Q1
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
Output voltage (10
µA to 100 mA load)
TPS76925-Q1
TJ = –40°C to 125°C, 3.5 V < VIN < 10 V
2.425
2.575
V
g(
µ
)
(see Note 4)
TPS76927 Q1
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
V
TPS76927-Q1
TJ = –40°C to 125°C, 3.7 V < VIN < 10 V
2.619
2.781
TPS76928 Q1
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
TPS76928-Q1
TJ = –40°C to 125°C, 3.8 V < VIN < 10 V
2.716
2.884
TPS76930 Q1
TJ = 25°C,
4.0 V < VIN < 10 V
3.0
TPS76930-Q1
TJ = –40°C to 125°C, 4.0 V < VIN < 10 V
2.910
3.090
TPS76933 Q1
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS76933-Q1
TJ = –40°C to 125°C, 4.3 V < VIN < 10 V
3.201
3.399
TPS76950 Q1
TJ = 25°C,
6.0 V < VIN < 10 V
5.0
TPS76950-Q1
TJ = –40°C to 125°C, 6.0 V < VIN < 10 V
4.850
5.150
Quiescent current (GND current)
EN = 0V,
0 mA < IO < 100 mA,
TJ = 25°C
17
µA
()
(see Notes 4 and 5)
EN = 0V,
IO = 100 mA,
TJ = –40°C to 125°C
28
µA
Load regulation
EN = 0V,
IO = 0 to 100 mA,
TJ = 25°C
12
mV
Output voltage line regulation (
∆VO/VO) (see Note 5)
VO + 1 V < VI ≤ 10 V, TJ = 25°C,
See Note 4
0.04
%/V
Output voltage line regulation (
∆VO/VO) (see Note 5)
VO + 1 V < VI ≤ 10 V,
TJ = –40°C to 125°C, See Note 4
0.1
%/V
Output noise voltage
BW = 300 Hz to 50 kHz,
Co = 10 µF,
TJ = 25°C
190
µVrms
Output current limit
VO = 0 V,
See Note 4
350
750
mA
Standby current
EN = VI,
2.7 < VI < 10 V
1
µA
Standby current
TJ = –40°C to 125°C
2
µA
NOTES:
4. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current
10
µA, maximum output current 100 mA.
5. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000


Número de pieza similar - TPS76918-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76918-Q1 TI-TPS76918-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results

Descripción similar - TPS76918-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com