Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76933-Q1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS76933-Q1
Descripción Electrónicos  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS76933-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76933-Q1 Datasheet HTML 2Page - Texas Instruments TPS76933-Q1 Datasheet HTML 3Page - Texas Instruments TPS76933-Q1 Datasheet HTML 4Page - Texas Instruments TPS76933-Q1 Datasheet HTML 5Page - Texas Instruments TPS76933-Q1 Datasheet HTML 6Page - Texas Instruments TPS76933-Q1 Datasheet HTML 7Page - Texas Instruments TPS76933-Q1 Datasheet HTML 8Page - Texas Instruments TPS76933-Q1 Datasheet HTML 9Page - Texas Instruments TPS76933-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1, TPS76918-Q1, TPS76925-Q1
TPS76927-Q1, TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SGLS118A – DECEMBER 2001 – REVISED JANUARY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
100
TPS76925
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.496
2.488
2.482
20
60
2.494
2.490
2.486
40
80
2.498
0
2.492
2.484
VI = 3.5 V
CO = 4.7 µF
TA = 25° C
IO – Output Current – mA
Figure 2
IO – Output Current – mA
1.494
1.488
1.484
20
60
1.492
1.490
1.486
40
80
1.498
0
100
TPS76915
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.496
VI = 2.7 V
CO = 4.7 µF
TA = 25° C
Figure 3
IO – Output Current – mA
TPS76933
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
20
60
40
80
0
100
3.280
3.274
3.270
3.278
3.276
3.272
3.284
3.282
VI = 4.3 V
CO = 4.7 µF
TA = 25° C
Figure 4
TA – Free-Air Temperature – °C
TPS76915
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.486
1.480
–40
0
1.488
1.484
–20
20
140
1.496
–60
40
80
1.492
1.494
100 120
1.490
1.482
60
IO = 1 mA
VI = 2.7 V
CO = 4.7 µF
IO = 100 mA


Número de pieza similar - TPS76933-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76933-Q1 TI-TPS76933-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results

Descripción similar - TPS76933-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com