Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2844AQD Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza UC2844AQD
Descripción Electrónicos  CURRENT-MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2844AQD Datasheet(HTML) 1 Page - Texas Instruments

  UC2844AQD Datasheet HTML 1Page - Texas Instruments UC2844AQD Datasheet HTML 2Page - Texas Instruments UC2844AQD Datasheet HTML 3Page - Texas Instruments UC2844AQD Datasheet HTML 4Page - Texas Instruments UC2844AQD Datasheet HTML 5Page - Texas Instruments UC2844AQD Datasheet HTML 6Page - Texas Instruments UC2844AQD Datasheet HTML 7Page - Texas Instruments UC2844AQD Datasheet HTML 8Page - Texas Instruments UC2844AQD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UC2842AQ, UC2843AQ, UC2844AQ, UC2845AQ
CURRENT-MODE PWM CONTROLLER
SGLS164 – APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Extended Temperature Performance of
–40
°C to 125°C
D Optimized for Off-line and DC to DC
Converters
D Low Start Up Current (<0.5 mA)
D Trimmed Oscillator Discharge Current
D Automatic Feed Forward Compensation
D Pulse-by-Pulse Current Limiting
D Enhanced Load Response Characteristics
D Under-Voltage Lockout With Hysteresis
D Double Pulse Suppression
D High Current Totem Pole Output
D Internally Trimmed Bandgap Reference
D 500 kHz Operation
D Low RO Error Amp
description
The UC2842A/3A/4A/5A family of control ICs is a pin for pin compatible improved version of the UC2842/3/4/5
family. Providing the necessary features to control current mode switched mode power supplies, this family has the
following improved features. Start up current is guaranteed to be less than 0.5 mA. Oscillator discharge is trimmed
to 8.3 mA. During under voltage lockout, the output stage can sink at least 10 mA at less than 1.2 V for VCC over
5 V.
The difference between members of this family are shown in the table below.
PART NUMBER
UVLO ON
UVLO OFF
MAXIMUM DUTY CYCLE
UC2842A
16 V
10 V
<100%
UC2843A
8.5 V
7.9 V
<100%
UC2844A
16 V
10 V
<50%
UC2845A
8.5 V
7.9 V
<50%
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D 8-PIN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COMP
VFB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GND
D 14-PIN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COMP
NC
VFB
NC
ISENSE
NC
RT/CT
VREF
NC
VCC
VC
OUTPUT
GND
PWR GND


Número de pieza similar - UC2844AQD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2844AQD TI-UC2844AQD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC2844AQD TI1-UC2844AQD Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC2844AQD TI1-UC2844AQD Datasheet
1Mb / 19P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC2844AQD8 TI-UC2844AQD8 Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC2844AQD8 TI1-UC2844AQD8 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Descripción similar - UC2844AQD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com