Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G373GW Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AUP1G373GW
Descripción Electrónicos  Low-power D-type transparent latch; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G373GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G373GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G373GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
74AUP1G373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 July 2007
10 of 22
NXP Semiconductors
74AUP1G373
Low-power D-type transparent latch; 3-state
CL = 15 pF
tpd
propagation
delay
D to Q; see Figure 7
[2]
VCC = 0.8 V
-
33.3
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.5
8.6
16.9
3.2
17.5
3.2
19.2
ns
VCC = 1.4 V to 1.6 V
3.1
5.9
9.6
2.7
10.5
2.7
11.6
ns
VCC = 1.65 V to 1.95 V
2.6
4.8
7.6
2.2
8.5
2.2
9.3
ns
VCC = 2.3 V to 2.7 V
2.5
3.8
5.5
2.2
5.9
2.2
6.5
ns
VCC = 3.0 V to 3.6 V
2.2
3.5
4.9
1.8
5.5
1.8
6.0
ns
LE to Q; see Figure 8
[2]
VCC = 0.8 V
-
32.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.3
8.4
17.3
3.0
18.0
3.0
19.8
ns
VCC = 1.4 V to 1.6 V
3.0
5.7
9.7
2.5
10.7
2.5
11.8
ns
VCC = 1.65 V to 1.95 V
2.5
4.6
7.4
2.2
8.3
2.2
9.1
ns
VCC = 2.3 V to 2.7 V
2.3
3.6
5.3
2.0
5.9
2.0
6.4
ns
VCC = 3.0 V to 3.6 V
2.1
3.2
4.6
1.8
5.1
1.8
5.6
ns
ten
enable time
OE to Q; see Figure 10
[3]
VCC = 0.8 V
-
24.2
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
5.8
13.0
2.6
16.0
2.6
16.1
ns
VCC = 1.4 V to 1.6 V
2.7
4.5
7.6
2.3
8.2
2.3
8.6
ns
VCC = 1.65 V to 1.95 V
2.4
3.9
6.1
2.2
6.7
2.2
7.0
ns
VCC = 2.3 V to 2.7 V
2.1
3.4
4.8
2.1
5.1
2.1
5.3
ns
VCC = 3.0 V to 3.6 V
2.3
3.3
4.4
2.1
4.7
2.1
4.9
ns
tdis
disable time OE to Q; see Figure 10
[4]
VCC = 0.8 V
-
12.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.3
5.5
10.2
3.3
10.4
3.3
10.6
ns
VCC = 1.4 V to 1.6 V
2.9
4.3
7.0
2.7
7.4
2.7
7.6
ns
VCC = 1.65 V to 1.95 V
3.1
4.6
7.4
3.1
7.7
3.1
7.9
ns
VCC = 2.3 V to 2.7 V
2.1
3.3
5.2
2.3
5.4
2.3
5.6
ns
VCC = 3.0 V to 3.6 V
3.2
4.5
6.6
3.1
6.8
3.1
6.9
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1] Max
Min
(85
°C)
Max
(85
°C)
Min
(125
°C)
Max
(125
°C)


Número de pieza similar - 74AUP1G373GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G373GW NXP-74AUP1G373GW Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373GW NEXPERIA-74AUP1G373GW Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
74AUP1G373GW-Q100 NEXPERIA-74AUP1G373GW-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
More results

Descripción similar - 74AUP1G373GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373 Datasheet
119Kb / 10P
   Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com