Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1201AB Datasheet(PDF) 6 Page - Power Innovations Ltd

No. de pieza LB1201AB
Descripción Electrónicos  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POINN [Power Innovations Ltd]
Página de inicio  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AB Datasheet(HTML) 6 Page - Power Innovations Ltd

Back Button LB1201AB Datasheet HTML 2Page - Power Innovations Ltd LB1201AB Datasheet HTML 3Page - Power Innovations Ltd LB1201AB Datasheet HTML 4Page - Power Innovations Ltd LB1201AB Datasheet HTML 5Page - Power Innovations Ltd LB1201AB Datasheet HTML 6Page - Power Innovations Ltd LB1201AB Datasheet HTML 7Page - Power Innovations Ltd LB1201AB Datasheet HTML 8Page - Power Innovations Ltd LB1201AB Datasheet HTML 9Page - Power Innovations Ltd LB1201AB Datasheet HTML 10Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
6
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
ic based protectors
In 1986, an IC based gated protector was proposed (A 90 V Switching Regulator and Lightning Protection
Chip Set, Robert K. Chen, Thomas H. Lerch, Johnathan S. Radovsky, D. Alan Spires, IEEE Solid-State
Circuits Conference, February 20, 1986, pp 178/9 and pp 340/1). Commercially, this resulted in the AT&T
Microelectronics LB1201AB device and the higher current Texas Instruments Inc. TCM1060 device
This implementation consisted of four diodes and two high holding current thyristors. Positive overvoltages on
the line wires are clipped to ground by forward conduction of the wire to ground diodes. Negative
overvoltages are initially clipped close to the SLIC negative supply rail, VBAT, by conduction of the thyristor
cathode-gate and gate series diode. This means that the protection voltage level for slow wave forms will be
about 1.5 V lower than the SLIC supply voltage. If sufficient current is available from the overvoltage, then the
thyristor will switch into a low voltage on-state condition. When the thyristor crowbars, the two series gate
diodes prevent the SLIC supply from being shorted to ground via the thyristor gate. As the overvoltage
subsides the high holding current of the crowbar prevents d.c. latchup (see Figure 1).
impulse protection performance
The impulse protection voltage will be the sum of the gate supply (VBAT) and the impulse peak gate-cathode
voltage (VGK(BO)). Capacitor C1 provides the pulse of gate current that occurs during fast rising impulses.
The protection voltage will be increased if there is a long connection between the gate decoupling capacitor,
C1, and the gate terminal. During the initial rise of a fast impulse (e.g. 2/10), the gate current (IG) is the same
as the cathode current (IK). Rates of 70 A/µs can cause inductive voltages of 0.7 V in 2.5 cm of printed wiring
track. To minimise this inductive voltage increase of protection voltage, the length of the capacitor to gate
terminal tracking should be minimised. Inductive voltages in the protector cathode wiring can increase the
protection voltage. These voltages can be minimised by routing the SLIC connection through the protector as
shown in Figure 2.
a.c. protection performance
Figure 2 shows a typical a.c. power cross test circuit. A variable voltage a.c. source is applied to the line card
via 600
Ω series resistors. On the line card there are further series resistors R1 and R2. These resistors
provide over-current protection by fusing or going high resistance under high current a.c. conditions.
Figure 3 shows the gate and cathode a.c. power line cross voltage and current wave forms of the IC based
protector. Positive voltages are clipped at about +1 V by diode conduction. Negative voltages are clipped to
about -52 V as the SLIC supply voltage was -50 V. Sufficient current (200 mA) was available to cause the
Figure 2. SIMPLIFIED IC BASED SLIC PROTECTOR CIRCUIT
R1
50 Ω
RING
WIRE
TIP
WIRE
Th4
Th5
SLIC
IC BASED
SLIC
PROTECTOR
V
BAT
C1
100 nF
AI6XAD
600
600
A.C.
GENERATOR
0 - 600 Vrms
SWITCHING MODE
POWER SUPPLY
GENERATOR
SOURCE
RESISTANCE
I
BAT
I
G
I
SLIC
C2
D1
D2
Tx
R2
50


Número de pieza similar - LB1201AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Descripción similar - LB1201AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com