Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS78XXACI Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS78XXACI
Descripción Electrónicos  3-Terminal Fixed Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78XXACI Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS78XXACI Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78XXACI Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS7800A series
3-9
2003/12 rev. B
TS7808A Electrical Characteristics
(Vin=14V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
7.84
8
8.16
Output Voltage
Vout
10.5V
≤Vin≤23V,
10mA
≤Iout≤1.5A, PD≤15W
7.68
8
8.32
V
10.5V
≤Vin≤25V
--
6
160
Line Regulation
REGline
Tj=25
oC
11V
≤Vin≤17V
--
2
80
10mA
≤Iout≤1.5A
--
12
160
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
10.5V
≤Vin≤25V
--
--
1
Quiescent Current Change
∆Iq
10mA
≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 11V
≤Vin≤21V
56
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
m
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.8
--
mV/
oC
TS7809A Electrical Characteristics
(Vin=15V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
8.82
9
9.18
Output Voltage
Vout
11.5V
≤Vin≤23V,
10mA
≤Iout≤1.5A, PD≤15W
8.64
9
9.36
V
11.5V
≤Vin≤26V
--
6
180
Line Regulation
REGline
Tj=25
oC
12V
≤Vin≤17V
--
2
90
10mA
≤Iout≤1.5A
--
12
180
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
90
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
11.5V
≤Vin≤26V
--
--
1
Quiescent Current Change
∆Iq
10mA
≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 12V
≤Vin≤22V
55
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
m
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Número de pieza similar - TS78XXACI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS78XXBCI TSC-TS78XXBCI Datasheet
366Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS78XXBCZ TSC-TS78XXBCZ Datasheet
366Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS78XXCI TSC-TS78XXCI Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS78XXCI TSC-TS78XXCI Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS78XXCM TSC-TS78XXCM Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results

Descripción similar - TS78XXACI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com