Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TISPL758LF3D Datasheet(PDF) 3 Page - Power Innovations Ltd

No. de pieza TISPL758LF3D
Descripción Electrónicos  INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS FOR LUCENT TECHNOLOGIES L7581/2/3 LINE CARD ACCESS SWITCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POINN [Power Innovations Ltd]
Página de inicio  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISPL758LF3D Datasheet(HTML) 3 Page - Power Innovations Ltd

  TISPL758LF3D Datasheet HTML 1Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 2Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 3Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 4Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 5Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 6Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 7Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 8Page - Power Innovations Ltd TISPL758LF3D Datasheet HTML 9Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
JANUARY 1998 - REVISED OCTOBER 1998
TISPL758LF3D
INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE
PROTECTORS FOR LUCENT TECHNOLOGIES L7581/2/3 LINE CARD ACCESS SWITCHES
PRODUCT
INFORMATION
NOTES: 4. Positive and negative values of VDRM are not equal. See ratings table
5. These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The third terminal is
connected to the guard terminal of the bridge.
electrical characteristics for the T-G and R-G terminal pairs, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
MIN
TYP
MAX
IDRM
Repetitive peak off-
state current
VD = ±VDRM, (See Note 4)
±10
µA
V(BO)
Breakover voltage
dv/dt = ±250 V/ms,
RSOURCE = 300 Ω
R-G terminals
T-G terminals
-220
-130
+130
+130
V
V(BO)
Impulse breakover volt-
age
Rated impulse conditions with operational pass series
resistor
R-G terminals
T-G terminals
-240
-140
+140
+140
V
IH
Holding current
di/dt = -30 mA/ms
di/dt = +30 mA/ms
+100
-150
mA
ID
Off-state current
0 < VD < ±50 V, TJ = 85°C
±10
µA
CTG
Off-state capacitance
f = 100 kHz,
Vd = 1 V rms
VTG = -5 V, (See Note 5)
18
36
pF
CRG
Off-state capacitance
f = 100 kHz,
Vd = 1 V rms
VTG = -50 V, (See Note 5)
10
20
pF
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
160
°C/W


Número de pieza similar - TISPL758LF3D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
TISPL758LF3D BOURNS-TISPL758LF3D Datasheet
290Kb / 7P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
TISPL758LF3D-S BOURNS-TISPL758LF3D-S Datasheet
290Kb / 7P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
TISPL758LF3DR-S BOURNS-TISPL758LF3DR-S Datasheet
290Kb / 7P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
TISPL758LF3D BOURNS-TISPL758LF3D_07 Datasheet
290Kb / 7P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
More results

Descripción similar - TISPL758LF3D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
BL758L BOURNS-BL758L Datasheet
152Kb / 8P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS FOR LUCENT TECHNOLOGIES L7581/2/3 LINE CARD ACCESS SWITCHES
TISPL758LF3D BOURNS-TISPL758LF3D_07 Datasheet
290Kb / 7P
   INTEGRATED SYMMETRICAL AND ASYMMETRICAL BIDIRECTIONAL OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com