Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC317TF Datasheet(PDF) 4 Page - ADDtek Corp

No. de pieza AMC317TF
Descripción Electrónicos  1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC317TF Datasheet(HTML) 4 Page - ADDtek Corp

  AMC317TF Datasheet HTML 1Page - ADDtek Corp AMC317TF Datasheet HTML 2Page - ADDtek Corp AMC317TF Datasheet HTML 3Page - ADDtek Corp AMC317TF Datasheet HTML 4Page - ADDtek Corp AMC317TF Datasheet HTML 5Page - ADDtek Corp AMC317TF Datasheet HTML 6Page - ADDtek Corp AMC317TF Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMC317
Copyright
© 2006 ADDtek Corp.
4
DD011_G
--
MARCH 2007
TYPICAL APPLICATIONS
5V Logic Regulator with Shutdown
(Minimum output
≈ 1.2V)
Adjustable Regulator with Improved Ripple Rejection
1A Current Regulator
1.2V –20V Regulator with Minimum Current
(≈ 4 mA)
12V Battery Charger
Current Limited 6V Charger
(Peak Current = 0.6A with 1
Ω resistor)
VOUT
C2
0.1
µF
C1
0.1
µF
VIN
R1
240
R2
720
AMC317
ADJ
1K
TTL
AMC317
VOUT
C3
1
µF
C2
0.1
µF
VIN
R1
240
ADJ
D1
1N4002
C1
10
µF
R2
5K
AMC317
VOUT
C1
0.1
µF
VIN
R1
1.2
2W
LOAD
ADJ
AMC317
VOUT
VIN
R1
1.2K
R2
20K
ADJ
AMC317
VOUT
VIN
R1
240
R2
2.4K
ADJ
Rs
0.2
AMC317
VOUT
VIN
R1
240
R2
1.1K
ADJ
R3
1
C1
1000
µF
9V – 40V


Número de pieza similar - AMC317TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC317T ETC-AMC317T Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
More results

Descripción similar - AMC317TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com