Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC3100 Datasheet(PDF) 10 Page - ADDtek Corp

No. de pieza AMC3100
Descripción Electrónicos  1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3100 Datasheet(HTML) 10 Page - ADDtek Corp

Back Button AMC3100 Datasheet HTML 2Page - ADDtek Corp AMC3100 Datasheet HTML 3Page - ADDtek Corp AMC3100 Datasheet HTML 4Page - ADDtek Corp AMC3100 Datasheet HTML 5Page - ADDtek Corp AMC3100 Datasheet HTML 6Page - ADDtek Corp AMC3100 Datasheet HTML 7Page - ADDtek Corp AMC3100 Datasheet HTML 8Page - ADDtek Corp AMC3100 Datasheet HTML 9Page - ADDtek Corp AMC3100 Datasheet HTML 10Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AMC3100
Copyright
© 2006 ADDtek Corp.
10
DD010_A -- JUNE 2006
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service
without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing
orders, that the information being relied on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe
property or environmental damage. ADDtek integrated circuit products are not designed, intended, authorized, or
warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of
ADDtek products in such applications is understood to be fully at the risk of the customer. In order to minimize risks
associated with the customer’s applications, the customer should provide adequate design and operating safeguards.
ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of
its products to the specifications applicable at the time of sale.
ADDtek Corp.
9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105
TEL: 2-25700299
FAX: 2-25700196


Número de pieza similar - AMC3100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
ADDtek Corp
AMC317 ADDTEK-AMC317 Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SJ ADDTEK-AMC317SJ Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SJF ADDTEK-AMC317SJF Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
AMC317SK ADDTEK-AMC317SK Datasheet
106Kb / 7P
   1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
MARCH 2007
More results

Descripción similar - AMC3100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
   600mA 1.5MHz Synchronous Step Down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
   1.5MHz 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com