Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC2576-ADJDMF Datasheet(PDF) 10 Page - ADDtek Corp

No. de pieza AMC2576-ADJDMF
Descripción Electrónicos  3A STEP DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-ADJDMF Datasheet(HTML) 10 Page - ADDtek Corp

Back Button AMC2576-ADJDMF Datasheet HTML 6Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 7Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 8Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 9Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 10Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 11Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 12Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 13Page - ADDtek Corp AMC2576-ADJDMF Datasheet HTML 14Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
10
DD007_E
--
DECEMBER 2006
APPLICATION INFORMATION (contd.)
Feedback Connection
For fixed output voltage version, the FB (feedback) pin must be connected to VOUT. For the adjustable version, it is
important to place the output voltage ratio resistors near AMC2576 as possible in order to minimize the noise
introduction.
ENABLE
It is required that the ENABLE must not be left open. For normal operation, connect this pin to a “LOW” voltage
(typically, below 1.6V). On the other hand, for standby mode, connect this pin with a “HIGH” voltage. This pin can
be safely pulled up to +VIN without a resistor in series with it.
Grounding
To maintain output voltage stability, the power ground connections must be low-impedance. For the 5-lead TO-220
and TO-263 style package, both the tab and pin 3 are ground and either connection may be used.
Heat Sink and Thermal Consideration
Although the AMC2576 requires only a small heat sink for most cases, the following thermal consideration is
important for all operation. With the package thermal resistances
θ
JA and θJC, total power dissipation can be estimated
as follows:
PD = (VIN × IQ)+(VOUT / VIN)(ILOAD × VSAT);
When no heat sink is used, the junction temperature rise can be determined by the following:
∆T
J = PD × θJA;
With the ambient temperature, the actual junction temperature will be:
TJ = ∆TJ +TA ;
If the actual operating junction temperature is out of the safe operating junction temperature (typically 125°C), then a
heat sink is required. When using a heat sink, the junction temperature rise will be reduced by the following:
∆T
J = PD × (θJC + θinterface + θHeat sink);
As one can see from the above, it is important to choose an heat sink with adequate size and thermal resistance, such
that to maintain the regulator’s junction temperature below the maximum operating temperature.


Número de pieza similar - AMC2576-ADJDMF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ohmite Mfg. Co.
AMC2512 OHMITE-AMC2512 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Descripción similar - AMC2576-ADJDMF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com