Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDS2838F Datasheet(PDF) 1 Page - AUK corp

No. de Pieza. SDS2838F
Descripción  Switching Diode
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo 

SDS2838F Datasheet(HTML) 1 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-2039-002
1
SDS2838F
Switching Diode
Features
• SMD package : SOT-23F
• Low forward voltage : VF=0.9V(Typ.)
• Fast reverse recovery time : trr=1.6 (Typ.)
• Small total capacitance : CT=2.2 (Typ.)
Ordering Information
Type No.
Marking
Package Code
SDS2838F
CA6
SOT-23F
Outline Dimensions
unit : mm
PIN Connections
1. Anode
2. Anode
3. Cathode, Cathode
S
Seem
miiccoon
nd
du
uccttoorr
1
3
2
1
2
3
1.50~1.70
0.78~0.98


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
BAV70TT1Dual Switching Diode 1 2 3 4 5 MoreON Semiconductor
BYC10-600CTRectifier diode ultrafast low switching loss 1 2 3 4 5 MoreNXP Semiconductors
BAS21HT1High Voltage Switching Diode 1 2 3 ON Semiconductor
MMBD4448_SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated
1N3064_1SWITCHING DIODE 1 Microsemi Corporation
MMBD4148W_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
BAV99DW_1QUAD SURFACE MOUNT SWITCHING DIODE ARRAY 1 2 3 Diodes Incorporated
MMBD4448HCQW_1SURFACE MOUNT FAST SWITCHING DIODE ARRAY 1 2 3 4 Diodes Incorporated
MMBD4448HW_1SURFACE MOUNT SWITCHING DIODE 1 2 3 Diodes Incorporated

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn