Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK730P Datasheet(PDF) 3 Page - AUK corp

No. de pieza STK730P
Descripción Electrónicos  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

STK730P Datasheet(HTML) 3 Page - AUK corp

  STK730P Datasheet HTML 1Page - AUK corp STK730P Datasheet HTML 2Page - AUK corp STK730P Datasheet HTML 3Page - AUK corp STK730P Datasheet HTML 4Page - AUK corp STK730P Datasheet HTML 5Page - AUK corp STK730P Datasheet HTML 6Page - AUK corp STK730P Datasheet HTML 7Page - AUK corp STK730P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0P008-000
3
STK730P
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
V(BR)DSS
ID=250 , VGS=0
400
-
-
V
Gate threshold voltage
VGS(th)
ID=250 , VGS=5V
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=400V, VGS=0
-
-
10
μA
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
nA
Drain-source on-resistance
RDS(on)
VGS=10V, ID=2.75A
-
0.8
1
Ω
Forward transfer conductance
gfs
VDS=10V, ID=2.75A
-
3.6
-
S
Input capacitance
Ciss
-
550
825
Output capacitance
Coss
-
46
70
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V
f=1 MHz
-
8.4
13
pF
Turn-on delay time
td(on)
-
13
-
Rise time
tr
-
65
-
Turn-off delay time
td(off)
-
21
-
Fall time
tf
VDD=200V, ID=5.5A
RG=12Ω
-
38
-
ns
Total gate charge
Qg
-
16
24
Gate-source charge
Qgs
-
2.5
3.8
Gate-drain charge
Qgd
VDS=200V, VGS=10V
ID=5.5A
-
6.6
10
nC
Source-Drain Diode Ratings and Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Source current (DC)
IS
-
-
5.5
Source current (Pulsed)
ISP
Integral reverse diode
in the MOSFET
-
-
22
A
Forward voltage
VSD
VGS=0V, IS=5.5A
-
-
1.5
V
Reverse recovery time
trr
-
270
-
ns
Reverse recovery charge
Qrr
Is=5.5A, VGS=0V
dIs/dt=100A/
-
2.16
-
uC
Note ;
① Repetitive rating : Pulse width limited by maximum junction temperature
② L=13.7mH, I
AS=5.5A, VDD=50V, RG=27Ω
③ Pulse Test : Pulse Width≤ 400 , Duty cycle≤ 2%
④ Essentially independent of operating temperature


Número de pieza similar - STK730P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-010 SANYO-STK730-010 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-010 SANYO-STK730-010 Datasheet
161Kb / 8P
   Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-010 SANYO-STK730-010 Datasheet
98Kb / 4P
   Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
   Self-excitation Type Semi-Regulated Switching Regulator
More results

Descripción similar - STK730P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com