Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL5015 Datasheet(PDF) 3 Page - AUK corp

No. de pieza SL5015
Descripción Electrónicos  COMPANDOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SL5015 Datasheet(HTML) 3 Page - AUK corp

  SL5015_1 Datasheet HTML 1Page - AUK corp SL5015_1 Datasheet HTML 2Page - AUK corp SL5015_1 Datasheet HTML 3Page - AUK corp SL5015_1 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KSI-W003-000
3
Switch Position
Switch terminal
High (Open or Vcc)
Low(GND)
PIN 11(SW3)
Comp Mute OFF
Comp Mute ON
PIN 12(SW4)
Compandor
Through
PIN 13(SW5)
Exp Mute OFF
Exp Mute ON
PIN 8 (SW1)
Signal Input → OFF
PIN 15 (SW2)
Signal Input → OFF
Electrical Characteristics
(Unless otherwise specified, Ta=25 °C, Vcc=3V, f=1kHz, RL = 10 kΩ)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Squelch Current
I
CCQ
No Signal
-
4.0
6.5
mA
Reference Voltage
V
ref
-
1.4
1.5
1.55
V
Compre ssor
Input Resistance
R
IN
-
90
120
-
kΩ
Standard Input Level
V
IN
V
OUT =300mVrms = 0dB
8.0
12.5
17.0
mV
rms
Gain error(1)
G
V(1)
V
IN= -20dB
-0.5
0
+0.5
dB
Gain error(2)
G
V(2)
V
IN= -40dB
-0.1
0
+1.0
dB
Through ON/OFF Diff.
G
V
V
IN=0dB, 12 pin GND
-1.5
0
+1.5
dB
Distortion
THD
V
IN = 620 Ω
-
0.5
1.0
%
Noise output
V
NO
Rg= 620 Ω
-
3.0
5.5
mV
rms
Muting attenuation
M
ATT
V
IN = 0dB, 11 Pin GND
60
80
-
dB
Limiting voltage
V
LI
-
1.15
1.35
1.50
V
p-p
Expander
Standard Input Level
V
OUT
V
IN = 30mVrms = 0dB
110
130
160
mV
rms
Gain error(1)
G
V(1)
V
IN = -10dB
-0.5
0
+0.5
dB
Gain error(2)
G
V(2)
V
IN = -20dB
-1.0
0
+1.0
dB
Gain error(3)
G
V(3)
V
IN = -30dB
-1.5
0
+1.5
dB
Through ON/OFF Diff.
G
V
V
IN = 0dB, 12 Pin GND
-2.5
-1.0
+0.5
dB
Distortion
THD
V
IN = 0dB
-
0.5
1.5
%
Noise output
V
NO
Rg= 620 Ω
-
10
30
μ
V
rms
Muting attenuation
MATT
V
IN = 0dB, 13 pin
60
80
-
dB
Max. output voltage
V
OUT(max)
THD 10% level
700
800
-
mV
rms
SL5015/P


Número de pieza similar - SL5015_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
More results

Descripción similar - SL5015_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
   Compandor
March, 2006 ??Rev. 4
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
   Compandor
April, 2009 ??Rev. 0
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
   Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
   Compandor
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
   COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
   COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
   COMPANDOR
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com