Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54377RHFRG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54377RHFRG4
Descripción Electrónicos  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54377RHFRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54377RHFRG4 Datasheet HTML 1Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 2Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 3Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 4Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 5Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 6Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 7Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 8Page - Texas Instruments TPS54377RHFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
VIN
PH
BOOT
PGND
VSENSE
Output
COMP
AGND
VBIAS
Input
TPS54377
*
*
* Optional
START-UP WAVEFORM
Simplified
Schematic
5.0 ms/div
VO = 1.8 V
VI = 3.3 V
RL = 1 Ω
RT
SYNC
SS/ENA
PWRGD
TPS54377
SLVS779 – SEPTEMBER 2007
www.ti.com
1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT™ CONVERTER
WITH DISABLED SINKING DURING START-UP
2
• 60-mΩ MOSFET Switches for High Efficiency
at 3-A Continuous Output Current
As a member of the SWIFT™ family of dc/dc
regulators,
the
TPS54377
low-input-voltage
• Adjustable Output Voltage Down to 0.9 V With
high-output-current
synchronous-buck
PWM
1% Accuracy
converter integrates all required active components.
• Switching Frequency: Adjustable From
Included on the substrate with the listed features are
280 kHz to 1600 kHz
a true, high performance, voltage error amplifier that
• Disabled Current Sinking During Start-Up
provides high performance under transient conditions;
an undervoltage-lockout circuit to prevent start-up
• Fast Transient Response
until the input voltage reaches 3 V; an internally and
• Load Protected by Peak Current Limit and
externally
set
slow-start
circuit
to
limit
in-rush
Thermal Shutdown
currents; and a power good output useful for
• Integrated Solution Reduces Board Area and
processor/logic reset, fault signaling, and supply
Total Cost
sequencing.
• Spacing Saving 4mm x 5mm QFN Packaging
For
reliable
power
up
in
output
precharge
applications, the TPS54377 is designed to only
• For SWIFT Documentation, Application Notes,
source current during start-up.
and Design Software, see the TI website at
www.ti.com/swift
The TPS54377 device is available in a thermally
enhanced 24-pin QFN (RHF) PowerPAD™ package,
which
eliminates
bulky
heatsinks.
TI
provides
evaluation modules and the SWIFT designer software
• Low-Voltage, High-Density Systems With
tool to aid in achieving high-performance power
Power Distributed at 5 V or 3.3 V
supply
designs
to
meet
aggressive
equipment
• Point of Load Regulation for High
development cycles.
Performance DSPs, FPGAs, ASICs, and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54377RHFRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54377 TI-TPS54377 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Descripción similar - TPS54377RHFRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com