Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ASMT-QTB2-XXXXX Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza ASMT-QTB2-XXXXX
Descripción Electrónicos  PLCC-4 Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QTB2-XXXXX Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QTB2-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QTB2-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image

Notes:
1. All Dimensions are in millimeters.
2. Tolerance = ±0.2 mm unless otherwise specified.
3. Terminal Finish: Ag plating
4. Encapsulation material: Silicone resin
Lead Configuration

Cathode
Red

Common Anode
3
Cathode
Blue
4
Cathode
Green
Figure 1. Package Drawing
Table 1. Device Selection Guide
Tri Color
Part Number
Color 1
Color 2
Color 3
ASMT-QTB-0xxxx
AlInGaP Red
InGaN Green
InGaN Blue
Part Number
Color 1
Color 2
Color 3
Min. Iv @ 20mA
Typ. Iv @ 20mA Min. Iv @ 20mA
Typ. Iv @ 20mA Min. Iv @ 20mA
Typ. Iv @ 20mA
Bin ID
(mcd)
(mcd)
Bin ID
(mcd)
(mcd)
Bin ID
(mcd)
(mcd)
ASMT-QTB-0A00
T
355
505
V
75
05
S
4
35
Notes:
1. The luminous intensity IV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
2. Tolerance = ± 12 %
Package Dimensions


Número de pieza similar - ASMT-QTB2-XXXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
More results

Descripción similar - ASMT-QTB2-XXXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com