Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HSMX-A46X-XXXXX Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HSMX-A46X-XXXXX
Descripción Electrónicos  SMT LED Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-A46X-XXXXX Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-A46X-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-A46X-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Package Drawing
Pin
HSMx-A46x
Lead Configuration
1
Cathode
2
Anode
3
Cathode
4
Cathode
Table 1. Device Selection Guide
Color
Part Number
Luminous Intensity, FV [1] (mcd)
Test Current (mA)
Dice Technology
Min. Iv (mcd)
Typ. Iv (mcd)
Max. Iv (mcd)
Amber
HSMA-A460-W50M1
1125
2100
3550
50
AlInGaP
Amber
HSMA-A461-X83M1
2240
3300
5600
50
AlInGaP
Red
HSMC-A460-U30M1
450
580
900
50
AlInGaP
Red
HSMC-A461-V00M1
715
1750
-
50
AlInGaP
Orange
HSML-A461-W40M1
1125
1850
2850
50
AlInGaP
Notes:
1. The luminous intensity IV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not
be aligned with this axis.
2. Tolerance = ±12%
Note:
1. All Dimensions in millimeters.
2. Terminal Finish: Ag plating
3. Electrical connection between all cathode is recommended
Figure 1. Package Drawing


Número de pieza similar - HSMX-A46X-XXXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMX-A43X-XXXXX BOARDCOM-HSMX-A43X-XXXXX Datasheet
889Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
More results

Descripción similar - HSMX-A46X-XXXXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A401-U80M1 AVAGO-HSMA-A401-U80M1 Datasheet
197Kb / 10P
   SMT LED Surface Mount LED Indicator
HSMX-A4XX-XXXXX AVAGO-HSMX-A4XX-XXXXX Datasheet
1Mb / 9P
   SMT LED Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A400-S30M1 BOARDCOM-HSMC-A400-S30M1 Datasheet
765Kb / 15P
   SMT LED Surface-Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com