Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-HB63 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-HB63
Descripción Electrónicos  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB63 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB63 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB63 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical / Optical Characteristics, TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
.8
.7
.7
.
3.
3.
.4
3.7
3.7
V
IF = 0 mA
Reverse Voltage
Red
Green & blue
VR
5
5
V
IR = 00 mA
IR = 0 mA
Dominant Wavelength []
Red
Green
Blue
60
50
460
66
55
470
630
540
480
IF = 0 mA
Peak Wavelength
Red
Green
Blue
lPEAK
634
56
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 0 mA
Thermal Resistance
RqJ-PIN
40
°C/W
LED Junction-to pin
Luminous Efficacy []
Red
Green
Blue
hV
50
530
65
lm/W
Emitted Luminous Power/Emitted
Radiant Power
Luminous Flux
Red
Green
Blue
jV
700
3700
990
mlm
IF = 0 mA
Luminous Efficiency [3]
Red
Green
Blue
he
40
60
6
lm/W
Luminous Flux/Electrical Power
IF = 0 mA
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/hV where IV is the luminous intensity in candelas and hV is
the luminous efficacy in lumens/watt.
3. he = jV / IF x VF, where jV is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage.


Número de pieza similar - HLMP-HB63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB61 AVAGO-HLMP-HB61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB61-QU0ZZ AVAGO-HLMP-HB61-QU0ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB64-QU0XX AVAGO-HLMP-HB64-QU0XX Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB65 AVAGO-HLMP-HB65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Descripción similar - HLMP-HB63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com